전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4399 데이터시트(PDF) 2 Page - Mospec Semiconductor

부품명 2N4399
상세설명  POWER TRANSISTORS(200W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSPEC [Mospec Semiconductor]
홈페이지  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N4399 데이터시트(HTML) 2 Page - Mospec Semiconductor

  2N4399 Datasheet HTML 1Page - Mospec Semiconductor 2N4399 Datasheet HTML 2Page - Mospec Semiconductor 2N4399 Datasheet HTML 3Page - Mospec Semiconductor 2N4399 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A


유사한 부품 번호 - 2N4399

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N4399 BOCA-2N4399 Datasheet
165Kb / 4P
   PNP SILICON HIGH-POWER TRANSISTORS
logo
Microsemi Corporation
2N4399 MICROSEMI-2N4399 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
2N4399 MICROSEMI-2N4399 Datasheet
57Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N4399 CENTRAL-2N4399 Datasheet
495Kb / 2P
   PNP SILICON POWER TRANSISTOR
logo
List of Unclassifed Man...
2N4399 ETC-2N4399 Datasheet
347Kb / 8P
   Power Transistors
More results

유사한 설명 - 2N4399

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2N5301 MOSPEC-2N5301 Datasheet
178Kb / 4P
   POWER TRANSISTORS(200W)
2N6436 MOSPEC-2N6436 Datasheet
191Kb / 4P
   POWER TRANSISTORS(25A,200W)
2N5883 MOSPEC-2N5883 Datasheet
183Kb / 4P
   POWER TRANSISTORS(25A,200W)
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,180V,200W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
   POWER TRANSISTORS(17A,230V,200W)
MJ802 MOSPEC-MJ802 Datasheet
111Kb / 3P
   POWER TRANSISTORS(30A,100V,200W)
MJ4502 MOSPEC-MJ4502 Datasheet
101Kb / 3P
   POWER TRANSISTORS(30A,100V,200W)
2SA1295 MOSPEC-2SA1295 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,230V,200W)
2SD1313 MOSPEC-2SD1313 Datasheet
121Kb / 3P
   POWER TRANSISTORS(25A,350V,200W)
2SA1494 MOSPEC-2SA1494 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,200V,200W)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com