전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STU14NA50 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STU14NA50
상세설명  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU14NA50 데이터시트(HTML) 5 Page - STMicroelectronics

  STU14NA50 Datasheet HTML 1Page - STMicroelectronics STU14NA50 Datasheet HTML 2Page - STMicroelectronics STU14NA50 Datasheet HTML 3Page - STMicroelectronics STU14NA50 Datasheet HTML 4Page - STMicroelectronics STU14NA50 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectonics.
© 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
. . .
STU14NA50
5/5


유사한 부품 번호 - STU14NA50

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
   N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
logo
SamHop Microelectronics...
STU1030PL SAMHOP-STU1030PL Datasheet
876Kb / 8P
   P-Channel E nhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STU10L01 VBSEMI-STU10L01 Datasheet
975Kb / 9P
   Power MOSFET
logo
STMicroelectronics
STU10N60M2 STMICROELECTRONICS-STU10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results

유사한 설명 - STU14NA50

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD4NA40 STMICROELECTRONICS-STD4NA40 Datasheet
169Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STB3NA60-1 STMICROELECTRONICS-STB3NA60-1 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA90 STMICROELECTRONICS-STP4NA90 Datasheet
236Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP6NA60 STMICROELECTRONICS-STP6NA60 Datasheet
206Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
STP6NA80 NJSEMI-STP6NA80 Datasheet
153Kb / 3P
   N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STH7NA80FI NJSEMI-STH7NA80FI Datasheet
154Kb / 3P
   N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com