전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1471 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 2SD1471
상세설명  Silicon NPN Planar, Darlington
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1471 데이터시트(HTML) 4 Page - Renesas Technology Corp

  2SD1471 Datasheet HTML 1Page - Renesas Technology Corp 2SD1471 Datasheet HTML 2Page - Renesas Technology Corp 2SD1471 Datasheet HTML 3Page - Renesas Technology Corp 2SD1471 Datasheet HTML 4Page - Renesas Technology Corp 2SD1471 Datasheet HTML 5Page - Renesas Technology Corp 2SD1471 Datasheet HTML 6Page - Renesas Technology Corp 2SD1471 Datasheet HTML 7Page - Renesas Technology Corp 2SD1471 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SD1471
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
40
V
Collector to emitter voltage
V
CEO
30
V
Emitter to base voltage
V
EBO
10
V
Collector current
I
C
300
mA
Collector peak current
i
C(peak)*
1
500
mA
Collector power dissipation
P
C*
2
1W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Pulse
≤ 10 ms, Duty cycle ≤ 20%
2. Value on the alumina ceramic board (12.5 x 30 x 0.7 mm)
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
40
V
I
C = 10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
30
V
I
C = 1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
10
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
——
1
µAV
CB = 30 V, IE = 0
I
CEO
——
10
µAV
CE = 24 V, RBE = ∞
DC current transfer ratio
h
FE1*
1
2000
100000
V
CE = 5 V, IC = 10 mA*
2
h
FE2*
1
3000
V
CE = 5 V, IC = 100 mA*
2
h
FE3*
1
3000
V
CE = 5 V, IC = 400 mA*
2
Collector to emitter saturation
voltage
V
CE(sat)
1.5
V
I
C = 100 mA, IB = 0.1 mA*
2
Base to emitter saturation
voltage
V
BE(sat)
2.0
V
I
C = 100 mA, IB = 0.1 mA*
2
Notes: 1. The 2SD1471 is grouped by h
FE as follows.
2. Pulse test
Mark
DT
ET
h
FE1
2000 to 100000 5000 to 100000
h
FE2
3000 min
10000 min
h
FE3
3000 min
10000 min


유사한 부품 번호 - 2SD1471

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1471 HITACHI-2SD1471 Datasheet
32Kb / 6P
   Silicon NPN Planar, Darlington
More results

유사한 설명 - 2SD1471

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1471 HITACHI-2SD1471 Datasheet
32Kb / 6P
   Silicon NPN Planar, Darlington
logo
Zetex Semiconductors
BCV49 ZETEX-BCV49 Datasheet
16Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
BCV29 ZETEX-BCV29 Datasheet
16Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Siemens Semiconductor G...
BD875 SIEMENS-BD875 Datasheet
211Kb / 8P
   NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
FZTA14 ZETEX-FZTA14 Datasheet
23Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
BST52 ZETEX-BST52 Datasheet
16Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
BCV27 ZETEX-BCV27 Datasheet
49Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA12 ZETEX-FMMTA12 Datasheet
46Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
SLA6010 ETC-SLA6010 Datasheet
373Kb / 3P
   SILICON NPN TRIPLE DIFFUSED PLANAR DARLINGTON, SILICON PNP EPITAXIAL PLANAR DARLINGTON
logo
Sanken electric
SLA6050 SANKEN-SLA6050 Datasheet
237Kb / 3P
   SILICON NPN TRIPLE DIFFUSED PLANAR DARLINGTON SILICON PNP EPITAXIAL PLANAR DARLINGTON
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com