전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1559 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 2SD1559
상세설명  Silicon NPN Triple Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1559 데이터시트(HTML) 6 Page - Renesas Technology Corp

  2SD1559 Datasheet HTML 1Page - Renesas Technology Corp 2SD1559 Datasheet HTML 2Page - Renesas Technology Corp 2SD1559 Datasheet HTML 3Page - Renesas Technology Corp 2SD1559 Datasheet HTML 4Page - Renesas Technology Corp 2SD1559 Datasheet HTML 5Page - Renesas Technology Corp 2SD1559 Datasheet HTML 6Page - Renesas Technology Corp 2SD1559 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SD1559
4
0.01
0.03
0.1
0.3
1.0
3
10
Collector current IC (A)
0.3
1.0
3
10
30
Saturation Voltage vs. Collector Current
VBE (sat)
VCE (sat)
Ta = 25
°C
Pulse
500
500
lC/lB = 200
200
0.01
0.03
0.1
0.3
1.0
3
10
Collector current IC (A)
0.3
1.0
3
10
30
Switching Time vs. Collector Current
VCC = 30 V
IC = 500 IB1 = –500 IB2
Ta = 25
°C
tf
ton
tstg
0.01
0.03
0.1
0.3
1.0
3
10
Time t
0.1
100 (s)
10
1.0
0.1
100 (ms)
10
1.0
Transient Thermal Resistance
0.1
to 100
ms
TC = 25°C
1 shot
0.1 to 100 s


유사한 부품 번호 - 2SD1559

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1559 HITACHI-2SD1559 Datasheet
36Kb / 6P
   Silicon NPN Triple Diffused
logo
Savantic, Inc.
2SD1559 SAVANTIC-2SD1559 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1559 ISC-2SD1559 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1559 SAVANTIC-2SD1559 Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SD1559

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com