전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD2121L 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 2SD2121L
상세설명  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2121L 데이터시트(HTML) 4 Page - Renesas Technology Corp

  2SD2121L Datasheet HTML 1Page - Renesas Technology Corp 2SD2121L Datasheet HTML 2Page - Renesas Technology Corp 2SD2121L Datasheet HTML 3Page - Renesas Technology Corp 2SD2121L Datasheet HTML 4Page - Renesas Technology Corp 2SD2121L Datasheet HTML 5Page - Renesas Technology Corp 2SD2121L Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SD2121(L)/(S)
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
35
V
I
C = 1 mA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
35
V
I
C = 10 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
5—
VI
E = 1 mA, IC = 0
Collector cutoff current
I
CBO
——
20
µAV
CB = 35 V, IE = 0
DC current transfer ratio
h
FE1*
1
60
320
V
CE = 2 V, IC = 0.5 A*
2
h
FE2
20
V
CE = 2 V, IC = 1.5 A*
2
Base to emitter voltage
V
BE
1.5
V
V
CE = 2 V, IC = 1.5 A*
2
Collector to emitter saturation
voltage
V
CE(sat)
1.0
V
I
C = 2 A, IB = 0.2 A*
2
Notes: 1. The 2SD2121(L)/(S) is grouped by h
FE1 as follows.
BC
D
60 to 120
100 to 200
160 to 320
2. Pulse test.
Maximum Collector Dissipation Curve
30
20
10
0
50
100
150
Case temperature TC (°C)
10
1.0
3.0
0.3
0.1
110
3
30
100
Collector to emitter voltage VCE (V)
Ta = 25
°C
1 shot pulse
iC(peak)
IC(max)
Area of Safe Operation
PW = 10 ms


유사한 부품 번호 - 2SD2121L

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD2121L HITACHI-2SD2121L Datasheet
31Kb / 5P
   Silicon NPN Epitaxial
More results

유사한 설명 - 2SD2121L

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com