전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC541DW 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHC541DW
상세설명  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC541DW 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AHC541DW Datasheet HTML 1Page - Texas Instruments SN74AHC541DW Datasheet HTML 2Page - Texas Instruments SN74AHC541DW Datasheet HTML 3Page - Texas Instruments SN74AHC541DW Datasheet HTML 4Page - Texas Instruments SN74AHC541DW Datasheet HTML 5Page - Texas Instruments SN74AHC541DW Datasheet HTML 6Page - Texas Instruments SN74AHC541DW Datasheet HTML 7Page - Texas Instruments SN74AHC541DW Datasheet HTML 8Page - Texas Instruments SN74AHC541DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54AHC541, SN74AHC541
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCLS261M – DECEMBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC541
SN74AHC541
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
5*
7*
1*
8.5*
1
8.5
ns
tPHL
A
Y
CL = 15 pF
5*
7*
1*
8.5*
1
8.5
ns
tPZH
OE
Y
CL =15 pF
6*
10.5*
1*
11*
1
11
ns
tPZL
OE
Y
CL = 15 pF
6*
10.5*
1*
11*
1
11
ns
tPHZ
OE
Y
CL =15 pF
7*
11*
1*
12*
1
12
ns
tPLZ
OE
Y
CL = 15 pF
7*
11*
1*
12*
1
12
ns
tPLH
A
Y
CL =50 pF
7.5
10.5
1
12
1
12
ns
tPHL
A
Y
CL = 50 pF
7.5
10.5
1
12
1
12
ns
tPZH
OE
Y
CL =50 pF
8
14
1
16
1
16
ns
tPZL
OE
Y
CL = 50 pF
8
14
1
16
1
16
ns
tPHZ
OE
Y
CL =50 pF
9
15.4
1
17.5
1
17.5
ns
tPLZ
OE
Y
CL = 50 pF
9
15.4
1
17.5
1
17.5
ns
tsk(o)
CL = 50 pF
1.5**
1.5
ns
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC541
SN74AHC541
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
3.5*
5*
1*
6*
1
6
ns
tPHL
A
Y
CL = 15 pF
3.5*
5*
1*
6*
1
6
ns
tPZH
OE
Y
CL =15 pF
4.7*
7.2*
1*
8.5*
1
8.5
ns
tPZL
OE
Y
CL = 15 pF
4.7*
7.2*
1*
8.5*
1
8.5
ns
tPHZ
OE
Y
CL =15 pF
5*
7.5*
1*
8*
1
8
ns
tPLZ
OE
Y
CL = 15 pF
5*
7.5*
1*
8*
1
8
ns
tPLH
A
Y
CL =50 pF
5
7
1
8
1
8
ns
tPHL
A
Y
CL = 50 pF
5
7
1
8
1
8
ns
tPZH
OE
Y
CL =50 pF
6.2
9.2
1
10.5
1
10.5
ns
tPZL
OE
Y
CL = 50 pF
6.2
9.2
1
10.5
1
10.5
ns
tPHZ
OE
Y
CL =50 pF
6
8.8
1
10
1
10
ns
tPLZ
OE
Y
CL = 50 pF
6
8.8
1
10
1
10
ns
tsk(o)
CL = 50 pF
1**
1
ns
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply.


유사한 부품 번호 - SN74AHC541DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC541DW TI-SN74AHC541DW Datasheet
100Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC541DW TI-SN74AHC541DW Datasheet
621Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC541DW TI1-SN74AHC541DW Datasheet
1Mb / 29P
[Old version datasheet]   Octal Buffers/Drivers
SN74AHC541DWE4 TI-SN74AHC541DWE4 Datasheet
621Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC541DWR TI-SN74AHC541DWR Datasheet
621Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AHC541DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com