전자부품 데이터시트 검색엔진 |
|
AM26LV31EIDR 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
AM26LV31EIDR 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 18 page Input VCC TYPICAL OF EACH DRIVER OUTPUT Output VCC GND GND EQUIVALENT OF EACH INPUT (A, G, OR G) ABSOLUTE MAXIMUM RATINGS (1) AM26LV31E www.ti.com............................................................................................................................................................... SLLS848A – APRIL 2008 – REVISED MAY 2008 SCHEMATIC over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range(2) –0.5 6 V VI Input voltage range –0.5 6 V VO Output voltage range –0.5 6 V IIK Input clamp current VI < 0 –20 mA IOK Output clamp current VO < 0 –20 mA lO Continuous output current ±150 mA Continuous current through VCC or GND ±200 mA TJ Operating virtual junction temperature 150 °C D package 73 NS package 64 θ JA Package thermal impedance(3)(4) °C/W PW package 108 RGY package 39 TA Operating free-air temperature range –40 85 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values except differential input voltage are with respect to the network GND. (3) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Selecting the maximum of 150°C can affect reliability. (4) The package thermal impedance is calculated in accordance with JESD 51-7. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): AM26LV31E |
유사한 부품 번호 - AM26LV31EIDR |
|
유사한 설명 - AM26LV31EIDR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |