전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N2129A 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 1N2129A
상세설명  Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N2129A 데이터시트(HTML) 1 Page - Vishay Siliconix

  1N2129A Datasheet HTML 1Page - Vishay Siliconix 1N2129A Datasheet HTML 2Page - Vishay Siliconix 1N2129A Datasheet HTML 3Page - Vishay Siliconix 1N2129A Datasheet HTML 4Page - Vishay Siliconix 1N2129A Datasheet HTML 5Page - Vishay Siliconix 1N2129A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93492
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 24-Jun-08
1
Power Silicon Rectifier Diodes,
35 A/40 A/60 A
1N1183, 1N3765, 1N1183A, 1N2128A Series
Vishay High Power Products
DESCRIPTION/FEATURES
• Low leakage current series
• Good surge current capability up to 1000 A
• Can be supplied to meet stringent military, aerospace and
other high reliability requirements
• RoHS compliant
Note
(1) JEDEC registered values
ELECTRICAL SPECIFICATIONS
Notes
(1) JEDEC registered values
(2) For 1N1183 Series and 1N3765 Series TC = - 65 to 190 °C
(3) Basic part number indicates cathode to case. For anode to case, add “R” to part number, i.e., 1N1188R, 1N3766R, 1N1186RA, 1N2135RA
PRODUCT SUMMARY
IF(AV)
35 A/40 A/60 A
DO-203AB (DO-5)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
1N1183
1N3765
1N1183A
1N2128A
UNITS
IF(AV)
35 (1)
35 (1)
40 (1)
60 (1)
A
TC
140 (1)
140 (1)
150 (1)
140 (1)
°C
IFSM
50 Hz
480
380
765
860
A
60 Hz
500 (1)
400 (1)
800 (1)
900 (1)
I2t
50 Hz
1140
730
2900
3700
A2s
60 Hz
1040
670
2650
3400
I2
√t
16 100
10 300
41 000
52 500
A2
√s
VRRM
Range
50 to 600 (1)
700 to 1000 (1)
50 to 600 (1)
50 to 600 (1)
V
VOLTAGE RATINGS
TYPE NUMBER (3)
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRM, MAXIMUM DIRECT
REVERSE VOLTAGE
V
TJ = - 65 °C TO 200 °C (2)
TJ = - 65 °C TO 200 °C (2)
1N1183
1N1183A
1N2128A
50 (1)
50 (1)
1N1184
1N1184A
1N2129A
100 (1)
100 (1)
1N1185
1N1185A
1N2130A
150 (1)
150 (1)
1N1186
1N1186A
1N2131A
200 (1)
200 (1)
1N1187
1N1187A
1N2133A
300 (1)
300 (1)
1N1188
1N1188A
1N2135A
400 (1)
400 (1)
1N1189
1N1189A
1N2137A
500 (1)
500 (1)
1N1190
1N1190A
1N2138A
600 (1)
600 (1)
1N3765
700 (1)
700 (1)
1N3766
800 (1)
800 (1)
1N3767
900 (1)
900 (1)
1N3768
1000 (1)
1000 (1)


유사한 부품 번호 - 1N2129A

제조업체부품명데이터시트상세설명
logo
International Rectifier
1N2129A IRF-1N2129A Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Vishay Siliconix
1N2129A VISHAY-1N2129A Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
logo
America Semiconductor, ...
1N2129A AMERICASEMI-1N2129A Datasheet
404Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N2129A GENESIC-1N2129A Datasheet
646Kb / 3P
   Silicon Standard Recovery Diode
logo
Naina Semiconductor ltd...
1N2129A NAINA-1N2129A Datasheet
552Kb / 2P
   Standard Recovery Diode, 60A
More results

유사한 설명 - 1N2129A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
VS-1N1190 VISHAY-VS-1N1190 Datasheet
155Kb / 9P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 28-Jan-14
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
logo
ON Semiconductor
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
logo
Vishay Siliconix
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
logo
PHOENIX CONTACT
3241239 PHOENIX-3241239 Datasheet
50Kb / 2P
   Ferrule - A 35 -40
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com