전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3121D2 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3121D2
상세설명  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3121D2 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA3121D2 Datasheet HTML 6Page - Texas Instruments TPA3121D2 Datasheet HTML 7Page - Texas Instruments TPA3121D2 Datasheet HTML 8Page - Texas Instruments TPA3121D2 Datasheet HTML 9Page - Texas Instruments TPA3121D2 Datasheet HTML 10Page - Texas Instruments TPA3121D2 Datasheet HTML 11Page - Texas Instruments TPA3121D2 Datasheet HTML 12Page - Texas Instruments TPA3121D2 Datasheet HTML 13Page - Texas Instruments TPA3121D2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
PO − Output Power − W
0.0
0.3
0.6
0.9
1.2
1.5
0
3
6
9
12
15
G017
RL = 4 Ω (SE)
Gain = 20 dB
VCC = 12 V
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
G018
VCC = 24 V
VCC = 18 V
RL = 8 Ω (SE)
Gain = 20 dB
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G019
20
100
1k
10k
20k
VCC = 24 V
VO(ripple) = 0.2 VPP
RL = 4 Ω (SE)
Gain = 20 dB
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G025
20
100
1k
10k
20k
VCC = 24 V
VO(ripple) = 0.2 VPP
RL = 8 Ω (SE)
Gain = 20 dB
TPA3121D2
SLOS537 – MAY 2008........................................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
All tests are made at frequency = 1 kHz unless otherwise noted.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 17.
Figure 18.
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA3121D2


유사한 부품 번호 - TPA3121D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2PWP TI1-TPA3121D2PWP Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2PWPG4 TI1-TPA3121D2PWPG4 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2PWPR TI1-TPA3121D2PWPR Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3121D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com