전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD22NM20N 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STD22NM20N
상세설명  N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD22NM20N 데이터시트(HTML) 2 Page - STMicroelectronics

  STD22NM20N_05 Datasheet HTML 1Page - STMicroelectronics STD22NM20N_05 Datasheet HTML 2Page - STMicroelectronics STD22NM20N_05 Datasheet HTML 3Page - STMicroelectronics STD22NM20N_05 Datasheet HTML 4Page - STMicroelectronics STD22NM20N_05 Datasheet HTML 5Page - STMicroelectronics STD22NM20N_05 Datasheet HTML 6Page - STMicroelectronics STD22NM20N_05 Datasheet HTML 7Page - STMicroelectronics STD22NM20N_05 Datasheet HTML 8Page - STMicroelectronics STD22NM20N_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STD22NM20N
2/10
Table 3: Absolute Maximum ratings
(*) ISD ≤ 22A, di/dt ≤ 400A/µs, VDD = 80% V(BR)DSS
Table 4: Thermal Data
(*) When mounted on 1 inch² FR-4 board, 2 oz Cu, t
≤ 10 sec
Table 5: Avalanche Characteristics
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
200
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
200
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°
Drain Current (continuous) at TC = 100°
22
13.7
A
A
IDM (*)
Drain Current (pulsed)
88
A
PTOT
Total Dissipation at TC = 25°C
100
W
Derating Factor
0.8
W/°C
dv/dt (2)
Peak Diode Recovery voltage slope
14
V/ns
Tj
Tstg
Storage Temperature
Max Operating Junction Temperature
150
-65 to 150
°C
°C
Rthj-case
Thermal Resistance Junction-case Max
1.25
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
°C/W
Rthj-ambTl
Thermal Resistance Junction-pcb (*)
Maximum Lead Temperature For Soldering Purpose
43
275
°C/W
°C
Symbol
Parameter
Max Value
Unit
IAS
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
22
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = 22 A, VDD = 50 V)
380
mJ


유사한 부품 번호 - STD22NM20N_05

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD22NM20NT4 STMICROELECTRONICS-STD22NM20NT4 Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
More results

유사한 설명 - STD22NM20N_05

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
STL20NM20N STMICROELECTRONICS-STL20NM20N_06 Datasheet
453Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 20A PowerFLAT??ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STL20NM20N STMICROELECTRONICS-STL20NM20N Datasheet
288Kb / 9P
   N-CHANNEL 200V - 0.088ohm - 20A PowerFLAT ULTRA LOW GATE CHARGE MDmesh II MOSFET
June 2005 Rev. 3
STP30NM30N STMICROELECTRONICS-STP30NM30N Datasheet
290Kb / 12P
   N-channel 300V - 0.078廓 - 30A - TO-220 Ultra low gate charge MDmesh??II Power MOSFET
IRF540 STMICROELECTRONICS-IRF540_03 Datasheet
311Kb / 8P
   N-CHANNEL 100V - 0.055廓 - 22A TO-220 LOW GATE CHARGE STripFET??II POWER MOSFET
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
   N-channel 100V - 0.033廓 - 25A - DPAK Low gate charge STripFET??II Power MOSFET
STL6NM60N STMICROELECTRONICS-STL6NM60N Datasheet
280Kb / 12P
   N-channel 600 V - 0.85 廓 - 5.75 A - PowerFLAT??(5x5) ultra low gate charge MDmesh??II Power MOSFET
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
   N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT??LOW GATE CHARGE STripFET??II MOSFET
STL26NM60N STMICROELECTRONICS-STL26NM60N Datasheet
697Kb / 14P
   N-channel 600 V, 0.160 廓, 19 A PowerFLAT??8x8 HV ultra low gate charge MDmesh??II Power MOSFET
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
   N-channel 24V - 0.0039廓 - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com