전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP90NS04ZC 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STP90NS04ZC
상세설명  N-channel clamped 5m廓 - 80A TO-220 Fully protected SAFeFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP90NS04ZC 데이터시트(HTML) 4 Page - STMicroelectronics

  STP90NS04ZC Datasheet HTML 1Page - STMicroelectronics STP90NS04ZC Datasheet HTML 2Page - STMicroelectronics STP90NS04ZC Datasheet HTML 3Page - STMicroelectronics STP90NS04ZC Datasheet HTML 4Page - STMicroelectronics STP90NS04ZC Datasheet HTML 5Page - STMicroelectronics STP90NS04ZC Datasheet HTML 6Page - STMicroelectronics STP90NS04ZC Datasheet HTML 7Page - STMicroelectronics STP90NS04ZC Datasheet HTML 8Page - STMicroelectronics STP90NS04ZC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STP90NS04ZC
4/13
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DG Clamped voltage
ID = 1mA, VGS= 0
33
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 16V
1µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±10V
2µA
VGSS
Gate-source breakdown
voltage
IGS =±100µA
18
25
V
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 1mA
23
4
V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 40A
56
m
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS =15V, ID = 40A
100
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25V, f=1 MHz, VGS=0
3400
1250
450
pF
pF
pF
tr(Voff)
tf
tc
Off voltage rise time
Fall time
Cross-over time
VCLAMP=32V, ID=80A,
VGS=10V, RG=4.7Ω
(see Figure 18)
230
140
295
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=20V, ID = 80A
VGS =10V
(see Figure 19)
100
25
36
135
nC
nC
nC
RG
Internal gate resistor
14


유사한 부품 번호 - STP90NS04ZC

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP90N4F3 STMICROELECTRONICS-STP90N4F3 Datasheet
343Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STP90N4F3 STMICROELECTRONICS-STP90N4F3 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STP90N4F3 STMICROELECTRONICS-STP90N4F3 Datasheet
808Kb / 16P
   N-channel 40 V, 5.0 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
STP90N55F4 STMICROELECTRONICS-STP90N55F4 Datasheet
526Kb / 13P
   N-channel 55 V, 0.0064 , 90 A, TO-220 STripFET DeepGATE Power MOSFET
logo
VBsemi Electronics Co.,...
STP90N55F4 VBSEMI-STP90N55F4 Datasheet
972Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - STP90NS04ZC

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP70NS04ZC STMICROELECTRONICS-STP70NS04ZC Datasheet
272Kb / 13P
   N-channel clamped 8m廓 - 80A TO-220 Fully protected SAFeFET??Power MOSFET
STP180NS04ZC STMICROELECTRONICS-STP180NS04ZC Datasheet
256Kb / 12P
   N-channel clamped 3.5 m廓 - 120 A TO-220 fully protected SAFeFET??Power MOSFET
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
   N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP80NS04ZB STMICROELECTRONICS-STP80NS04ZB Datasheet
115Kb / 6P
   N-CHANNEL CLAMPED 7.5mohm - 80A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP75NS04Z STMICROELECTRONICS-STP75NS04Z Datasheet
231Kb / 12P
   N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB Datasheet
327Kb / 12P
   N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
STD70NS04ZL STMICROELECTRONICS-STD70NS04ZL Datasheet
746Kb / 13P
   N-channel clamped 9.5 m, 70 A DPAK fully protected SAFeFET Power MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB_06 Datasheet
256Kb / 13P
   N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z_06 Datasheet
267Kb / 12P
   N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
   N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com