전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7263 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 TDA7263
상세설명  1212W STEREO AMPLIFIER WITH MUTING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7263 데이터시트(HTML) 7 Page - STMicroelectronics

  TDA7263 Datasheet HTML 1Page - STMicroelectronics TDA7263 Datasheet HTML 2Page - STMicroelectronics TDA7263 Datasheet HTML 3Page - STMicroelectronics TDA7263 Datasheet HTML 4Page - STMicroelectronics TDA7263 Datasheet HTML 5Page - STMicroelectronics TDA7263 Datasheet HTML 6Page - STMicroelectronics TDA7263 Datasheet HTML 7Page - STMicroelectronics TDA7263 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CLIPWATT11 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.10
0.122
B
1.10
0.04
C
0.15
0.006
D
1.50
0.059
E
0.52
0.02
F
0.80
0.03
G
1.70
0.066
G1
17.00
0.66
H1
12.00
0.48
H3
20.00
0.79
L
17.90
0.70
L1
14.40
0.57
L2
11.00
0.43
M
2.54
0.1
M1
2.54
0.1
TDA7263
7/8


유사한 부품 번호 - TDA7263

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
[Old version datasheet]   6 6W STEREO AMPLIFIER WITH MUTING
logo
STMicroelectronics
TDA7263M STMICROELECTRONICS-TDA7263M Datasheet
124Kb / 7P
   1212W STEREO AMPLIFIER WITH MUTING
More results

유사한 설명 - TDA7263

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7263M STMICROELECTRONICS-TDA7263M Datasheet
124Kb / 7P
   1212W STEREO AMPLIFIER WITH MUTING
logo
NTE Electronics
NTE7146 NTE-NTE7146 Datasheet
26Kb / 2P
   Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
[Old version datasheet]   6 6W STEREO AMPLIFIER WITH MUTING
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9741 MAXIM-MAX9741_V01 Datasheet
1Mb / 16P
   12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
logo
Anpec Electronics Corop...
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
logo
STMicroelectronics
TDA7253L STMICROELECTRONICS-TDA7253L Datasheet
103Kb / 8P
   6W AMPLIFIER WITH MUTING
TDA7253 STMICROELECTRONICS-TDA7253 Datasheet
50Kb / 5P
   8W AMPLIFIER WITH MUTING
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
STMicroelectronics
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
   5W AUDIO AMPLIFIER WITH MUTING
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com