전자부품 데이터시트 검색엔진 |
|
TS5A9411DCKR 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
TS5A9411DCKR 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 21 page ABSOLUTE MINIMUM AND MAXIMUM RATINGS (1) (2) THERMAL IMPEDANCE RATINGS TS5A9411 SCDS241A – MAY 2008 – REVISED JULY 2008 ............................................................................................................................................................... www.ti.com SUMMARY OF CHARACTERISTICS(1) 2:1 Multiplexer/ Configuration Demultiplexer (1 × SPDT) Number of channels 1 ON-state resistance (rON) 5.3 Ω ON-state resistance match ( ΔrON) 0.03 Ω ON-state resistance flatness rON(flat)) 2 Ω Turn-on/turn-off time (tON/tOFF) 9 ns/7 ns Break-before-make time (tBBM) 1 ns Charge injection (QC) 12.5 pC Bandwidth (BW) 100 MHz OFF isolation (OISO) –84 dB at 1 MHz Crosstalk (XTALK) –85 dB at 1 MHz Total harmonic distortion (THD) 0.03% Leakage current (INO(OFF)/INC(OFF)) ±3 nA Power-supply current (I+) 0.01 µA Package options 6-pin DCK (1) V+ = 5 V, TA = 25°C over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT V+ Supply voltage range(3) –0.3 6 V VNO VNC Analog voltage range(3)(4)(5) –0.3 V+ + 0.3 V VCOM IK Analog port diode current VNC, VNO, VCOM < 0 –50 mA INO On-state switch current –50 50 INC VNO, VNC, VCOM = 0 to V+ mA On-state peak switch current(6) –200 200 ICOM VI Digital input voltage range(3)(4) –0.5 V+ + 0.3 V IIK Digital input clamp current VI < 0 –50 mA I+ Continuous current through V+ 100 mA IGND Continuous current through GND –100 mA Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (3) All voltages are with respect to ground, unless otherwise specified. (4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (5) This value is limited to 5.5 V maximum. (6) Pulse at 1-ms duration < 10% duty cycle UNIT θ JA Package thermal impedance(1) DCK package 259 °C/W (1) The package thermal impedance is calculated in accordance with JESD 51-7. 2 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TS5A9411 |
유사한 부품 번호 - TS5A9411DCKR |
|
유사한 설명 - TS5A9411DCKR |