전자부품 데이터시트 검색엔진 |
|
TS5A22362YZPR 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
TS5A22362YZPR 데이터시트(HTML) 9 Page - Texas Instruments |
9 / 28 page ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY (1) TS5A22362 ,, TS5A22364 www.ti.com.................................................................................................................................................... SCDS261B – MARCH 2008 – REVISED AUGUST 2008 V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, V+ – 5.5 V+ V range VNO, VNC VNC or VNO = V+, 1.6 V, COM to NO or 25°C 0.52 0.74 ON-state ron V+ = –5.5 V, NC, 4.5 V Ω resistance Full 0.83 ICOM = –100 mA, See Figure 16 ON-state 25°C 0.04 0.23 COM to NO or resistance match VNC or VNO = 1.6 V, Δron NC, 4.5 V Ω between ICOM = –100 mA, Full 0.30 See Figure 16 channels ON-state VNC or VNO = V+, 1.6 V, COM to NO or 25°C 0.076 0.46 resistance ron(flat) V+ = –5.5 V, NC, 4.5 V Ω Full 0.5 flatness ICOM = –100 mA, See Figure 16 Shunt switch resistance rSH INO or INC = 10 mA Full 4.5 V 16 36 Ω (TS5A22364 only) VNC = 4.5 V, V+ – 5.5 V 25°C –50 50 VCOM = V+ – 5.5 V, 4.5 V VNO = Open NC, NO COM to NO INC(OFF), OFF leakage or See Figure 17 5.5 V nA INO(OFF) Full –375 375 current VNO = 4.5 V, V+ – 5.5 V, VCOM = V+ – 5.5 V, 4.5 V VNC = Open COM to NC COM 25°C –50 50 VNC and VNO = Open, ON leakage ICOM(ON) See Figure 18 5.5 V nA VCOM = V+, V+ – 5.5 V, Full –375 375 current Digital Control Inputs (IN)(2) Input logic high VIH Full 2.4 5.5 V Input logic low VIL Full 0.8 V 25°C –250 250 Input leakage IIH, IIL VIN = V+ or 0 5.5 V nA current Full –250 250 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TS5A22362 TS5A22364 |
유사한 부품 번호 - TS5A22362YZPR |
|
유사한 설명 - TS5A22362YZPR |