전자부품 데이터시트 검색엔진 |
|
TS5A22362DGSR 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
TS5A22362DGSR 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 28 page TS5A22362 ,, TS5A22364 SCDS261B – MARCH 2008 – REVISED AUGUST 2008.................................................................................................................................................... www.ti.com ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (continued) V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25°C 2.5 V 44 80 VCOM = V+, CL = 35 pF, Turn-on time tON ns 2.3 V to RL = 300 Ω, See Figure 20 Full 80 2.7 V 25°C 2.5 V 22 70 VCOM = V+, CL = 35 pF, Turn-off time tOFF ns 2.3 V to RL = 300 Ω, See Figure 20 Full 70 2.7 V Break-before- See Figure 21 for TS5A22362 tBBM 25°C 2.5 V 1 7 ns make time See Figure 22 for TS5A22364 VGEN = 0, CL = 1 nF, Charge injection QC 25°C 2.5 V 150 pC RGEN = 0, See Figure 26 NC, NO OFF capacitance CNC(OFF), VNC or VNO = V+ or GND, See Figure 19 25°C 2.5 V 70 pF (TS5A22362 CNO(OFF) only) NC, NO, COM VCOM = V+ or GND, CCOM(ON) See Figure 19 25°C 2.5 V 370 pF ON capacitance Switch ON, f = 10 MHz Digital input CI VI = V+ or GND See Figure 19 25°C 2.5 V 2.6 pF capacitance Bandwidth BW RL = 50 Ω, –3 dB See Figure 21 25°C 2.5 V 17 MHz f = 100 kHz, OFF isolation OISO RL = 50 Ω 25°C 2.5 V –66 dB See Figure 24 f = 100 kHz, Crosstalk XTALK RL = 50 Ω 25°C 2.5 V –75 dB See Figure 25 f = 20 Hz to Total harmonic RL = 600 Ω, THD 20 kHz, 25°C 2.5 V 0.01 % distortion CL = 15 pF, See Figure 27 Supply 25°C 0.2 1.1 Positive I+ VI = V+ or GND 2.7 V µA supply current Full 1.3 Positive I+ VI = V+ – 5.5 V Full 2.7 V 3.3 µA supply current 6 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TS5A22362 TS5A22364 |
유사한 부품 번호 - TS5A22362DGSR |
|
유사한 설명 - TS5A22362DGSR |