부품명
         상세내용
TDA7269A

 14+14W STEREO AMPLIFIER WITH MUTE & ST-BY ( 7 Page)


STMICROELECTRONICS
100% 
Zoom Out Zoom In
   
 6 page
background image
MULTIWATT11 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.88
0.95
0.035
0.037
G
1.57
1.7
1.83
0.062
0.067
0.072
G1
16.87
17
17.13
0.664
0.669
0.674
H1
19.6
0.772
H2
20.2
0.795
L
21.5
22.3
0.846
0.878
L1
21.4
22.2
0.843
0.874
L2
17.4
18.1
0.685
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.1
4.3
4.5
0.161
0.169
0.177
M1
4.88
5.08
5.3
0.192
0.200
0.209
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
TDA7269A
6/7
1  2  3  4  5  6  7 



관련 부품명

부품명상세내용Html View제조사
TDA749710 + 10W STEREO AMPLIFIER WITH MUTE/ST-BY 1 2 3 4 5 MoreSTMicroelectronics
TDA74996 + 6W STEREO AMPLIFIER WITH MUTE & ST-BY 1 2 3 4 5 MoreSTMicroelectronics
TDA726910+10W STEREO AMPLIFIER WITH MUTE & ST-BY 1 2 3 4 5 MoreSTMicroelectronics
TDA726425+25W STEREO AMPLIFIER WITH MUTE/ST-BY 1 2 3 4 5 MoreSTMicroelectronics
TDA726525 +25W STEREO AMPLIFIER WITH MUTE & ST-BY 1 2 3 4 5 MoreSTMicroelectronics
TDA7269SA10W+10W STEREO AMPLIFIER WITH MUTE & ST-BY 1 2 3 4 5 MoreSTMicroelectronics
LM4755Stereo 11W Audio Power Amplifier with Mute 1 2 3 4 5 MoreNational Semiconductor
LM4732Stereo 50W Audio Power Amplifier with Mute 1 2 3 4 5 MoreNational Semiconductor
LM4730Stereo 14W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor
TDA7499SA6W+6W STEREO AMPLIFIER WITH MUTE & ST-B 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl