전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA75520KVA 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LA75520KVA
상세설명  Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75520KVA 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LA75520KVA Datasheet HTML 4Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 5Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 6Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 7Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 8Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 9Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 10Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 11Page - Sanyo Semicon Device LA75520KVA Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LA75520KVA
No.A0654-9/12
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent Circuit
7
9
SIF SYSTEM SW A
SIF system selection switch pins. Combining the
settings of these two pins supports four systems.
In M/N mode, the audio output level is increased by
6dB.
The internal trap is also linked to these switches.
The truth-values are as follows.
Pin7
Pin9
MODE
H
H
B/G
H
L
I
L
H
D/K
L
L
M/N
7
9
8
APC FILTER
PLL APC filter connection pin. The APC count is
switched internally in the IC.
The VCO is normally controlled by route A.
When unlocked and during weak field reception, the
VCO is controlled by route B and the loop gain is
increased.
For this APC filter we recommend a resistor of 51
Ω
and capacitor of 0.47
μF.
The buzz characteristics can be improved by
connecting a capacitor of 100pF or so between pins
5 and 8.
8
1k
Ω 1kΩ
from
APC
DET
A
B
10
VIF FREQUENCY
SW
Switch pin for selecting the IF frequency
When this pin is open, 1/2VCC exists.
VCC : 39.5MHz
Open : 38.9MHz
GND : 38.0MHz
10
11k
Ω
50k
Ω
50k
Ω
11
REFERENCE CP
INPUT
Reference signal input pin necessary for adjusting
the internal sound carrier trap, AFT, etc.
Either 4.0 or 4.43 MHz can be selected. Use the
configuration shown in example 1 when using
4.43MHz and configuration shown in example 2
when using 4.0MHz.
Since no oscillator can be configured simply by
connecting the X’tal resonator to pin 11, input the
reference signal from an external source without
fail.
11
1000pF
4.43MHz
Example 1
Example 2
11
1000pF
4.0MHz
270k
Ω
11
Continued on next page.


유사한 부품 번호 - LA75520KVA

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
More results

유사한 설명 - LA75520KVA

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75521VA SANYO-LA75521VA Datasheet
196Kb / 13P
   IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com