전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F1D64A 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 LC87F1D64A
상세설명  CMOS IC FROM 64K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1D64A 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F1D64A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1D64A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1D64A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1D64A Datasheet HTML 9Page - Sanyo Semicon Device LC87F1D64A Datasheet HTML 10Page - Sanyo Semicon Device LC87F1D64A Datasheet HTML 11Page - Sanyo Semicon Device LC87F1D64A Datasheet HTML 12Page - Sanyo Semicon Device LC87F1D64A Datasheet HTML 13Page - Sanyo Semicon Device LC87F1D64A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LC87F1D64A
No.A1220-10/29
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 3
P30 to P34
I/O
• 5-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P34: USB interface PLL filter pin (see Fig.5)
On-chip debugger pins: DBGP0 to DBGP2 (P30 to P32)
Yes
Port 7
• 4-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P70: INT0 input/HOLD reset input/timer 0L capture input/watchdog timer output/
D+ 1.5k
Ω pull-up resistor connect pin
P71: INT1 input/HOLD reset input/timer 0H capture input
P72: INT2 input/HOLD reset input/timer 0 event input/timer 0L capture input/
high speed clock counter input
P73: INT3 input (with noise filter)/timer 0 event input/timer 0H capture input/
infrared remote control receiver input
AD converter input port: AN8(P70), AN9(P71)
Interrupt acknowledge type
Rising
Falling
Rising &
Falling
H level
L level
INT0
enable
enable
disable
enable
enable
INT1
enable
enable
disable
enable
enable
INT2
enable
enable
enable
disable
disable
INT3
enable
enable
enable
disable
disable
P70 to P73
I/O
No
PWM0
PWM1
I/O
• PWM0 and PWM1 output port
• General-purpose input port
No
D-
I/O
• USB data I/O pin D-
• General-purpose I/O port
No
D+
I/O
• USB data I/O pin D+
• General-purpose I/O port
No
RES
Input
Reset pin
No
XT1
Input
• 32.768kHz crystal oscillator input pin
• Pin functions
General-purpose input port
AD converter input port: AN10
Must be connected to VDD1 if not to be used.
No
XT2
I/O
32.768kHz crystal oscillator output pin
• Pin functions
General-purpose I/O port
AD converter input port: AN11
Must be set for oscillation and kept open if not to be used.
No
CF1
Input
Ceramic resonator input pin
No
CF2
Output
Ceramic resonator output pin
No


유사한 부품 번호 - LC87F1D64A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC87F1D64A ONSEMI-LC87F1D64A Datasheet
201Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
More results

유사한 설명 - LC87F1D64A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F5M64A SANYO-LC87F5M64A Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F1A32A SANYO-LC87F1A32A Datasheet
175Kb / 26P
   CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com