전자부품 데이터시트 검색엔진 |
|
LC87F2H08A 데이터시트(PDF) 10 Page - Sanyo Semicon Device |
|
LC87F2H08A 데이터시트(HTML) 10 Page - Sanyo Semicon Device |
10 / 27 page LC87F2H08A No.A0970-10/27 User Option Table Option Name Option to be Applied on Flash-ROM Version Option Selected in Units of Option Selection CMOS P00 to P07 1 bit Nch-open drain CMOS P10 to P17 1 bit Nch-open drain CMOS P20 to P21 1 bit Nch-open drain CMOS Port output type P30 to P31 1 bit Nch-open drain 00000h Program start address - - 01E00h Enable:Use Detect function - Disable:Not Used Low-voltage detection reset function Detect level - 7-level Power-on reset function Power-On reset level - 8-level Recommended Unused Pin Connections Recommended Unused Pin Connections Port Name Board Software P00 to P07 Open Output low P10 to P17 Open Output low P20 to P21 Open Output low P30 to P31 Open Output low P70 to P73 Open Output low CF1/XT1 Pulled low with a 100k Ω resistor or less General-purpose input port CF2/XT2 Pulled low with a 100k Ω resistor or less General-purpose input port On-chip Debugger pin connection requirements For the treatment of the on-chip debugger pins, refer to the separately available documents entitled "RD87 on-chip debugger installation manual" and "LC872000 series on-chip debugger pin connection requirements" Note: Be sure to electrically short-circuit between the VSS1 and VSS2 pins. |
유사한 부품 번호 - LC87F2H08A |
|
유사한 설명 - LC87F2H08A |