전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9228BCPZ-40 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9228BCPZ-40
상세설명  Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9228BCPZ-40 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9228BCPZ-40 Datasheet HTML 2Page - Analog Devices AD9228BCPZ-40 Datasheet HTML 3Page - Analog Devices AD9228BCPZ-40 Datasheet HTML 4Page - Analog Devices AD9228BCPZ-40 Datasheet HTML 5Page - Analog Devices AD9228BCPZ-40 Datasheet HTML 6Page - Analog Devices AD9228BCPZ-40 Datasheet HTML 7Page - Analog Devices AD9228BCPZ-40 Datasheet HTML 8Page - Analog Devices AD9228BCPZ-40 Datasheet HTML 9Page - Analog Devices AD9228BCPZ-40 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AD9228
Rev. B | Page 6 of 52
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 4.
AD9228-40
AD9228-65
Parameter1, 2
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK3
Maximum Clock Rate
Full
40
65
MSPS
Minimum Clock Rate
Full
10
10
MSPS
Clock Pulse Width High (tEH)
Full
12.5
7.7
ns
Clock Pulse Width Low (tEL)
Full
12.5
7.7
ns
OUTPUT PARAMETERS3
Propagation Delay (tPD)
Full
2.0
2.7
3.5
2.0
2.7
3.5
ns
Rise Time (tR) (20% to 80%)
Full
300
300
ps
Fall Time (tF) (20% to 80%)
Full
300
300
ps
FCO Propagation Delay (tFCO)
Full
2.0
2.7
3.5
2.0
2.7
3.5
ns
DCO Propagation Delay (tCPD)4
Full
tFCO +
(tSAMPLE/24)
tFCO +
(tSAMPLE/24)
ns
DCO to Data Delay (tDATA)4
Full
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
ps
DCO to FCO Delay (tFRAME)4
Full
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
ps
Data to Data Skew
(tDATA-MAX − tDATA-MIN)
Full
±50
±150
±50
±150
ps
Wake-Up Time (Standby)
25°C
600
600
ns
Wake-Up Time (Power-Down)
25°C
375
375
μs
Pipeline Latency
Full
8
8
CLK
cycles
APERTURE
Aperture Delay (tA)
25°C
500
500
ps
Aperture Uncertainty (Jitter)
25°C
<1
<1
ps rms
Out-of-Range Recovery Time
25°C
1
2
CLK
cycles
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2 Measured on standard FR-4 material.
3 Can be adjusted via the SPI.
4 tSAMPLE/24 is based on the number of bits divided by 2 because the delays are based on half duty cycles.


유사한 부품 번호 - AD9228BCPZ-40

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9228BCPZ-40 AD-AD9228BCPZ-40 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results

유사한 설명 - AD9228BCPZ-40

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com