전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9228BCPZRL7-65 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD9228BCPZRL7-65
상세설명  Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9228BCPZRL7-65 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD9228BCPZRL7-65 Datasheet HTML 6Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 7Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 8Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 9Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 10Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 11Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 12Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 13Page - Analog Devices AD9228BCPZRL7-65 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD9228
Rev. B | Page 10 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIN + A
VIN – A
AVDD
VIN + D
VIN – D
DRVDD
DRGND
CLK+
CLK–
AVDD
DRVDD
DRGND
AVDD
AVDD
CSB
SCLK/DTP
SDIO/ODM
PDWN
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
11
12
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
34
35
36
PIN 1
INDICATOR
EXPOSED PADDLE, PIN 0
(BOTTOM OF PACKAGE)
AD9228
TOP VIEW
Figure 5. 48-Lead LFCSP Pin Configuration, Top View
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
AGND
Analog Ground (Exposed Paddle)
1, 2, 5, 6, 9, 10, 27, 32,
35, 36, 39, 45, 46
AVDD
1.8 V Analog Supply
11, 26
DRGND
Digital Output Driver Ground
12, 25
DRVDD
1.8 V Digital Output Driver Supply
3
VIN − D
ADC D Analog Input Complement
4
VIN + D
ADC D Analog Input True
7
CLK−
Input Clock Complement
8
CLK+
Input Clock True
13
D − D
ADC D Digital Output Complement
14
D + D
ADC D Digital Output True
15
D − C
ADC C Digital Output Complement
16
D + C
ADC C Digital Output True
17
D − B
ADC B Digital Output Complement
18
D + B
ADC B Digital Output True
19
D − A
ADC A Digital Output Complement
20
D + A
ADC A Digital Output True
21
FCO−
Frame Clock Output Complement
22
FCO+
Frame Clock Output True
23
DCO−
Data Clock Output Complement
24
DCO+
Data Clock Output True
28
SCLK/DTP
Serial Clock/Digital Test Pattern
29
SDIO/ODM
Serial Data IO/Output Driver Mode
30
CSB
Chip Select Bar
31
PDWN
Power-Down
33
VIN + A
ADC A Analog Input True
34
VIN − A
ADC A Analog Input Complement


유사한 부품 번호 - AD9228BCPZRL7-65

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9228BCPZRL-40 AD-AD9228BCPZRL-40 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228BCPZRL-65 AD-AD9228BCPZRL-65 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results

유사한 설명 - AD9228BCPZRL7-65

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com