전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4814V 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LA4814V
상세설명  Monolithic Linear IC 2-Channel Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4814V 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LA4814V Datasheet HTML 5Page - Sanyo Semicon Device LA4814V Datasheet HTML 6Page - Sanyo Semicon Device LA4814V Datasheet HTML 7Page - Sanyo Semicon Device LA4814V Datasheet HTML 8Page - Sanyo Semicon Device LA4814V Datasheet HTML 9Page - Sanyo Semicon Device LA4814V Datasheet HTML 10Page - Sanyo Semicon Device LA4814V Datasheet HTML 11Page - Sanyo Semicon Device LA4814V Datasheet HTML 12Page - Sanyo Semicon Device LA4814V Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LA4814V
No.A0972-9/17
Test Circuit
+
0.22
μF
0.1
μF
22
μF
S3
S1
S2
S4
10k
Ω
10k
Ω
33k
Ω
33k
Ω
10
μF
Power supply
VCC = 5V
Power supply
Vsby = 1.5V
Signal source
fin = 1kHz
+
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
10k
Ω
620
Ω
0.22
μF
470
μF
470
μF
out1
+
10k
Ω
620
Ω
4
Ω
4
Ω
out2


유사한 부품 번호 - LA4814V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
logo
ON Semiconductor
LA4814JA ONSEMI-LA4814JA Datasheet
408Kb / 16P
   2-Channel Power Amplifier
May, 2013
More results

유사한 설명 - LA4814V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LV47022P SANYO-LV47022P Datasheet
404Kb / 12P
   Monolithic Linear IC For Car Audio Systems 4-Channel BTL Power Amplifier
LA47202P SANYO-LA47202P Datasheet
103Kb / 8P
   Monolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com