전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MKT467 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 MKT467
상세설명  DC Film Capacitor MKT Radial Lacquered Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT467 데이터시트(HTML) 4 Page - Vishay Siliconix

  MKT467_08 Datasheet HTML 1Page - Vishay Siliconix MKT467_08 Datasheet HTML 2Page - Vishay Siliconix MKT467_08 Datasheet HTML 3Page - Vishay Siliconix MKT467_08 Datasheet HTML 4Page - Vishay Siliconix MKT467_08 Datasheet HTML 5Page - Vishay Siliconix MKT467_08 Datasheet HTML 6Page - Vishay Siliconix MKT467_08 Datasheet HTML 7Page - Vishay Siliconix MKT467_08 Datasheet HTML 8Page - Vishay Siliconix MKT467_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Document Number: 28105
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 23-Oct-08
4
MKT 467, 468, 469
DC Film Capacitor
MKT Radial Lacquered Type
Vishay BCcomponents
URdc = 250 V; URac = 160 V
Note
(1) Net weight for short lead product only
C
(µF)
DIMENSIONS
wmax. xhmax. xlmax.
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 467..... AND PACKAGING
LOOSE IN BOX
REEL
C-VALUE
lt = 3.5 + 1.0/- 0.5 mm
lt = 19.0 ± 4.0 mm
H = 16.0 mm;
P0 = 12.7 mm
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 10.0 ± 0.4 mm; dt = 0.60 ± 0.06 mm
0.027
4.2 x 14.2 x 12.5
0.39
16...
(2000)
17...
(2000)
53...
(1500)
54...
(1500)
18...
(1500)
19...
(1500)
273
0.033
4.6 x 14.6 x 12.5
0.44
16...
(2000)
17...
(2000)
53...
(1500)
54...
(1500)
18...
(1300)
19...
(1300)
333
0.039
4.0 x 14.0 x 12.5
0.37
16...
(2000)
17...
(2000)
53...
(1500)
54...
(1500)
18...
(1500)
19...
(1500)
393
0.047
4.1 x 14.1 x 12.5
0.38
16...
(2000)
17...
(2000)
53...
(1500)
54...
(1500)
18...
(1500)
19...
(1500)
473
0.056
4.0 x 14.0 x 12.5
0.37
16...
(2000)
17...
(2000)
53...
(1500)
54...
(1500)
18...
(1500)
19...
(1500)
563
0.068
4.1 x 14.1 x 12.5
0.38
16...
(2000)
17...
(2000)
53...
(1500)
54...
(1500)
18...
(1500)
19...
(1500)
683
0.082
4.4 x 14.4 x 12.5
0.41
16...
(2000)
17...
(2000)
53...
(1500)
54...
(1500)
18...
(1500)
19...
(1500)
823
0.1
4.0 x 14.0 x 12.5
0.37
16...
(2000)
17...
(2000)
53...
(1500)
54...
(1500)
18...
(1500)
19...
(1500)
104
0.12
4.3 x 14.3 x 12.5
0.40
16...
(2000)
17...
(2000)
53...
(1500)
54...
(1500)
18...
(1500)
19...
(1500)
124
0.15
4.8 x 14.8 x 12.5
0.48
16...
(2000)
17...
(2000)
53...
(1250)
54...
(1250)
18...
(1300)
19...
(1300)
154
0.18
5.2 x 15.2 x 12.5
0.52
16...
(1500)
17...
(1500)
53...
(1000)
54...
(1000)
18...
(1200)
19...
(1200)
184
0.22
5.8 x 15.8 x 12.5
0.67
16...
(1500)
17...
(1500)
53...
(1000)
54...
(1000)
18...
(1100)
19...
(1100)
224


유사한 부품 번호 - MKT467_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
logo
List of Unclassifed Man...
MKT467 ETC2-MKT467 Datasheet
1Mb / 39P
   Metallized polyester film capacitors
More results

유사한 설명 - MKT467_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MKT365 VISHAY-MKT365_08 Datasheet
192Kb / 23P
   DC Film Capacitors MKT Radial Lacquered Type
Revision: 23-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com