전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1024X 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI1024X
상세설명  Dual N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1024X 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI1024X_08 Datasheet HTML 1Page - Vishay Siliconix SI1024X_08 Datasheet HTML 2Page - Vishay Siliconix SI1024X_08 Datasheet HTML 3Page - Vishay Siliconix SI1024X_08 Datasheet HTML 4Page - Vishay Siliconix SI1024X_08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number: 71170
S-80643-Rev. C, 24-Mar-08
Vishay Siliconix
Si1024X
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.45
0.9
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
± 0.5
± 1.0
µA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
0.3
100
nA
VDS = 20 V, VGS = 0 V, TJ = 85 °C
5µA
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 4.5 V
700
mA
Drain-Source On-State
Resistancea
RDS(on)
VGS = 4.5 V, ID = 600 mA
0.41
0.70
Ω
VGS = 2.5 V, ID = 500 mA
0.53
0.85
VGS = 1.8 V, ID = 350 mA
0.70
1.25
Forward Transconductancea
gfs
VDS = 10 V, ID = 400 mA
1.0
S
Diode Forward Voltagea
VSD
IS = 150 mA, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 250 mA
750
pC
Gate-Source Charge
Qgs
75
Gate-Drain Charge
Qgd
225
Turn-On Time
td(on)
VDD = 10 V, RL = 47 Ω
ID ≅ 200 mA, VGEN = 4.5 V, RG = 10 Ω
10
ns
Turn-Off Time
td(off)
36
Output Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 1.8 V
VDS - Drain-to-Source Voltage (V)
1 V
Transfer Characteristics
0
200
400
600
800
1000
1200
0.0
0.5
1.0
1.5
2.0
2.5
TC = - 55 °C
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)


유사한 부품 번호 - SI1024X_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1024X VISHAY-SI1024X_V01 Datasheet
171Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1024X_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com