전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

VHP-3 데이터시트(Datasheet) 5 Page - Vishay Siliconix

부품명 VHP-3
상세내용  Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo 

   
 5 page
background image
Document Number: 63005
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 31-Oct-07
5
VHP-3, VHP-4, VPR247
Bulk Metal® Foil Technology
Hermetically Sealed Power and Current Sensing Resistor
with TCR of 2 ppm/°C and Power up to 10 Watts
Vishay Foil Resistors
Note
* For non-standard requests, please contact Application Engineering.
TABLE 5 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y0065500R000T9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = standard
9 = lead (Pb)-free
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0065 = VHP-3
0066 = VHP-4
0830 = VPR247
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0065 500R000 T 9 L:
TYPE: VHP-3
VALUE: 500.0
Ω
ABSOLUTE TOLERANCE: ± 0.01 %
TERMINATION: lead (Pb)-free
PACKAGING: bulk pack
HISTORICAL PART NUMBER: VHP-3T 500R00 T B (will continue to be used)
VHP-3
T
500R00
T
B
MODEL
TERMINATION
OHMIC VALUE
RESISTANCE
TOLERANCE
PACKAGING
VHP-3
VHP-4
VPR247
T = lead (Pb)-free
None = tin/lead alloy
500
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
B = bulk pack
06
55
0
R
0
0
Y0
T9
0
L
0




Html 페이지

1  2  3  4  5  6 


데이터시트



관련 부품명

부품명상세내용Html View제조사
200Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 1 2 3 4 Vishay Siliconix
VHD200Bulk Metal® Foil Hermetically sealed Small Package Voltage Dividers with TCR Tracking of 0.1 ppm/°C and Tolerance Match down to 0.001 % 1 2 3 4 5 Vaishali Semiconductor
VCS232Z_08Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C PCR of 5ppm at Rated Power and Tolerance of ±0.02% 1 2 3 4 Vishay Siliconix
VCS1625High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.02 % 1 2 3 4 Vishay Siliconix
VCS1625ZUltra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power 1 2 3 4 Vishay Siliconix
VCS1610High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of ± 2 ppm/°C 1 2 3 4 Vishay Siliconix
Z202Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 % 1 2 3 4 Vishay Siliconix
Z201_07Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C PCR of 5 ppm at Rated Power Tolerance of ± 0.005 % 1 2 3 4 5 Vishay Siliconix
SMRC1DBulk Metal® Foil Technology Surface Mount Precision Resistor 1 2 3 Vishay Siliconix
ISL6327Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing 1 2 3 4 5 MoreIntersil Corporation

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl