전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

VHP100 데이터시트(Datasheet) 2 Page - Vishay Siliconix

부품명 VHP100
상세내용  Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo 

   
 2 page
background image
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63003
2
Revision: 18-Jun-07
VHP100
Vishay Foil Resistors
Ultra-High Precision Hermetically Sealed Bulk Metal® Foil
Technology Resistor with Zero TCR and 0.005 % Tolerance
Note
1. For 0.200 lead spacing, specify VHP102 (60 ppm) or VHP103
(10 ppm).
Note
1. Load/life stability is considerably improved by reducing the temperature, power, or through in-house oriented tests
FIGURE 3 - TYPICAL CURVES WITHIN THE 60 ppm
WINDOW, VHP100 TCR FOR MIL RANGE
FIGURE 4 - TYPICAL CURVES WITHIN 10 ppm WINDOW,
VHP101 LABORATORY INSTRUMENT RANGE
60 ppm
Window
- 55
- 25
0
+ 25
+ 50
+ 75
+ 100
+ 125
Temperature (°C)
(- 55 °C to + 125 °C): Typical TCR = 0.6 ppm/°C, Ref. + 25 °C
+ 15
+ 20
+ 25
+ 30
+ 35
+ 40
+ 45
+ 50
10 ppm
Window
(+ 15 °C to + 45 °C): Typical TCR = 0.3 ppm/°C, Ref. + 25 °C
Temperature (°C)
FIGURE 5 - STANDARD PRINTING
TOLERANCE
RESISTANCE SPECIFIED IN
SIGNIFICANT DIGITS
± 1.0 %
3
± 0.1 %
4
± 0.01 %
5
± 0.005 %
6
Note
The number of significant digits of resistance accuracy to be
printed on the resistor should be in accordance with the specified
tolerance
TABLE 1 - VHP100 SERIES DIMENSIONS
INCHES
mm
VHP100
W
0.185 ± 0.020
4.70 ± 0.51
L
0.435 ± 0.020
11.05 ± 0.51
VHP101
H
0.430 ± 0.020
10.92 ± 0.51
LL
1.000 ± 0.125
25.4 ± 3.18
LS1)
0.150 ± 0.010
3.81 ± 0.25
ST
0.100 Maximum
2.54 Maximum
E
0.070 Maximum
1.78 Maximum
LS
Model
Number
VISHAY
XXXX
VHP100
ST
H
L
Date Code
W
Front View
Rear View
Lead Material #22 AWG
(0.025 Dia) Solder Coated Copper
Resistance
Value Code
Tolerance
Serial No.
100R01
0.01 %
XXXX
10
Week
01
Year
LL
E
TABLE 2 - VHP100 SPECIFICATIONS
Resistance Range
100
Ω to 150 kΩ
Tolerance at + 25 °C
± 0.005 % to ± 1.0 %
Power
0.3 W at + 70 °C (see figure 2)
Load Life Stability1)
(for 2000 hours)
0.3 W at + 70 °C; ± 0.015 % (150 ppm) Maximum
ΔR
0.15 W at + 125 °C; ± 0.015 % (150 ppm) Maximum
ΔR
Shelf-Life Stability
± 0.0002 % (2 ppm) after 10 years
Thermal EMF
Due to temperature difference between leads
Due to self-heating at 0.1 W
0.05 µV/°C
0 to 1 µV
High Frequency Operation
Rise/Decay Time
Inductance (L)
Capacitance (C)
1.0 ns for 1 k
Ω without ringing
0.1 µH Maximum; 0.08 µH typical
1.0 pF Maximum; 0.5 pF typical
Maximum Working Voltage
300 V
Voltage Coefficient
< 0.1 ppm/V
Current Noise
< 0.010 µV (rms)/V (- 40 dB)
Hermeticity
10-7 atmospheric cc/seconds maximum




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
VHP-3Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts 1 2 3 4 5 MoreVishay Siliconix
VHD200Bulk Metal® Foil Hermetically sealed Small Package Voltage Dividers with TCR Tracking of 0.1 ppm/°C and Tolerance Match down to 0.001 % 1 2 3 4 5 Vaishali Semiconductor
200Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 1 2 3 4 Vishay Siliconix
Z202Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 % 1 2 3 4 Vishay Siliconix
SMRC1DBulk Metal® Foil Technology Surface Mount Precision Resistor 1 2 3 Vishay Siliconix
Z201_07Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C PCR of 5 ppm at Rated Power Tolerance of ± 0.005 % 1 2 3 4 5 Vishay Siliconix
VCS232Z_08Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C PCR of 5ppm at Rated Power and Tolerance of ±0.02% 1 2 3 4 Vishay Siliconix
SMR1D_07High Precision Bulk Metal® Foil Molded Surface Mount Resistor 1 2 3 4 5 Vishay Siliconix
VCS1625High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.02 % 1 2 3 4 Vishay Siliconix

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl