전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1071X-T1-GE3 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI1071X-T1-GE3
상세설명  P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1071X-T1-GE3 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI1071X-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1071X-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1071X-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1071X-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1071X-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1071X-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si1071X
New Product
Document Number: 74321
S-80641-Rev. B, 24-Mar-08
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
•TrenchFET® Power MOSFET
100 % Rg Tested
APPLICATIONS
Load Switch for Portable Devices
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
- 30
0.167 at VGS = - 10 V
0.96
3.25
0.188 at VGS = - 4.5 V
0.90
0.244 at VGS = - 2.5 V
0.79
Notes:
a. Maximum under Steady State conditions is 650 °C/W.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TA = 25 °C
ID
- 0.96b, c
A
TA = 70 °C
- 0.76b, c
Pulsed Drain Current
IDM
- 8
Continuous Source-Drain Diode Current
TA = 25 °C
IS
- 0.2b, c
Maximum Power Dissipationa
TA = 25 °C
PD
0.236b, c
W
TA = 70 °C
0.151b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
t
≤ 5 s
RthJA
440
530
°C/W
Steady State
540
650
Ordering Information: Si1071X-T1-E3 (Lead (Pb)-free)
Si1071X-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
Z
XX
Lot Traceability
and Date Code
Part # Code
SC-89 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
S
G
D
P-Channel MOSFET
RoHS
COMPLIANT


유사한 부품 번호 - SI1071X-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1071X VISHAY-SI1071X Datasheet
103Kb / 4P
   P-Channel 30 V (D-S) MOSFET
Rev. A, 31-Aug-09
SI1071X VISHAY-SI1071X_09 Datasheet
103Kb / 4P
   P-Channel 30 V (D-S) MOSFET
Rev. A, 31-Aug-09
More results

유사한 설명 - SI1071X-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com