전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1073X-T1-E3 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI1073X-T1-E3
상세설명  P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1073X-T1-E3 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI1073X-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1073X-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1073X-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1073X-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1073X-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1073X-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 74285
S-82617-Rev. C, 03-Nov-08
www.vishay.com
5
Vishay Siliconix
Si1073X
New Product
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?74285.
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.0001
0.001
0.01
0.1
10-3
10-2
1
10
100
1000
10-1
10-4
Square Wave Pulse Duration (s)
Single Pulse
0.05
0.1
0.2
Duty Cycle = 0.5
0.02
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 540 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1


유사한 부품 번호 - SI1073X-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1070X VISHAY-SI1070X Datasheet
97Kb / 6P
   N-Channel 30-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1070X VISHAY-SI1070X Datasheet
123Kb / 8P
   N-Channel 30 V (D-S) MOSFET
Rev. D, 08-Nov-10
logo
Vishay Telefunken
SI1070X TFUNK-SI1070X Datasheet
150Kb / 8P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1070X VISHAY-SI1070X Datasheet
153Kb / 8P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1070X-T1-E3 VISHAY-SI1070X-T1-E3 Datasheet
97Kb / 6P
   N-Channel 30-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
More results

유사한 설명 - SI1073X-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com