전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

1260 데이터시트(Datasheet) 4 Page - Vishay Siliconix

부품명 1260
상세내용  Bulk Metal® Foil Technology Precision Trimming Potentiometers,3/8 Inch Square, RJ24 Style, Designed to Meet or Exceed the
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo 

   
 4 page
background image
1260
Vishay Foil Resistors
Bulk Metal® Foil Technology Precision Trimming
Potentiometers, 3/8 Inch Square, RJ24 Style, Designed to
Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63054
4
Revision: 29-Feb-08
Note
* Application engineering release: for non-standard requests, please contact application engineering.
TABLE 6 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y0069500R000J0L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = standard part, tin/lead termination
1 - 999 = custom
PRODUCT CODE
TOLERANCE
PACKAGING
0069 = 1260W
4069 = 1260X
J = ± 5 %
K = ± 10 %
M = ± 20 %
L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0069 500R000 J 0 L:
TYPE: 1260W
VALUE: 500.0
Ω
ABSOLUTE TOLERANCE: ± 5.0 %
AER: standard part, tin/lead termination
PACKAGING: bulk pack
HISTORICAL PART NUMBER: 1260W 500R00 J B (will continue to be used)
1260W
500R00
J
B
MODEL
RESISTANCE VALUE
TOLERANCE
PACKAGING
1260W
1260X
500R00 = 500.00
Ω
J = ± 5 %
K = ± 10 %
M = ± 20 %
B = bulk pack
06
95
0
R
0
0
Y0
J0
0
L
0




Html 페이지

1  2  3  4  5 


데이터시트



관련 부품명

부품명상세내용Html View제조사
1240Bulk Metal® Foil Technology Precision Trimming Potentiometers 1/4 Inch Square RJ26 Style Designed to 1 2 3 4 5 Vishay Siliconix
1202Bulk Metal® Foil Technology Precision Trimming Potentiometers 1 1/4 Inch Rectilinear RJ12 Style 1 2 3 4 5 MoreVishay Siliconix
1242Bulk Metal® Foil Technology Precision Trimming Potentiometers QPL Approved 1/4 Inch 1 2 3 4 5 Vishay Siliconix
VHP100Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance 1 2 3 4 Vishay Siliconix
SMRC1DBulk Metal® Foil Technology Surface Mount Precision Resistor 1 2 3 Vishay Siliconix
200Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 1 2 3 4 Vishay Siliconix
VHZBulk Metal® Foil Technology Hermetically Sealed Resistors Aerospace 1 2 3 4 5 Vishay Siliconix
SMR1D_07High Precision Bulk Metal® Foil Molded Surface Mount Resistor 1 2 3 4 5 Vishay Siliconix
VCS101_08Bulk Metal® Technology Precision Low Value Current Sense/Current Shunt Resistors 1 2 3 4 Vishay Siliconix
VHP-3Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts 1 2 3 4 5 MoreVishay Siliconix

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl