전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1330EDL 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI1330EDL
상세설명  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1330EDL 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI1330EDL Datasheet HTML 1Page - Vishay Siliconix SI1330EDL Datasheet HTML 2Page - Vishay Siliconix SI1330EDL Datasheet HTML 3Page - Vishay Siliconix SI1330EDL Datasheet HTML 4Page - Vishay Siliconix SI1330EDL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si1330EDL
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72861
S-40853—Rev. A, 03-May-04
SPECIFICATIONSa (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 10 mA
60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
2.0
2.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "10 V
"1
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V, TJ = 55_C
10
m
VGS = 10 V, VDS = 7.5 V
0.5
On-State Drain Currentb
ID(on)
VGS = 4.5 V, VDS = 10 V
0.4
A
D(on)
VGS = 3 V, VDS = 10 V
0.05
VGS = 10 V, ID = 0.25 A
1.0
2.5
Drain-Source On-Resistanceb
rDS(on)
VGS = 4.5 V, ID = 0.2 A
1.4
3
W
DS(on)
VGS = 3 V, ID = 0.025 A
3.0
8
Forward Transconductanceb
gfs
VDS = 10 V, ID = 0.25 A
350
mS
Diode Forward Voltage
VSD
IS = 0.23 A, VGS = 0 V
0.83
1.2
V
Dynamicb
Total Gate Charge
Qg
V
10 V V
45 V
0.4
0.6
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V
ID ^ 0.25 A
0.11
nC
Gate-Drain Charge
Qgd
ID ^ 0.25 A
0.15
Gate Resistance
Rg
173
W
Turn On Time
td(on)
3.8
10
Turn-On Time
tr
VDD = 30 V, RL = 150 W
ID ^ 02 A VGEN = 10V
4.8
15
ns
Turn-Off Time
td(off)
ID ^ 0.2 A, VGEN = 10V
Rg = 10 W
12.8
20
ns
Turn-Off Time
tf
Rg 10 W
9.6
15
Notes
a.
Pulse test: PW v300 ms duty cycle v2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.2
0.4
0.6
0.8
1.0
012345
012345
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS = 10, 7 V
3 V
5 V
4 V
VGS − Gate-to-Source Voltage (V)
TJ = −55_C
125_C
25_C
6 V
1.0
0.8
0.6
0.2
0
0.4


유사한 부품 번호 - SI1330EDL

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1330EDL VISHAY-SI1330EDL Datasheet
234Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 21-Feb-05
SI1330EDL VISHAY-SI1330EDL Datasheet
99Kb / 5P
   N-Channel 60 V (D-S) MOSFET
Rev. B, 29-Mar-10
logo
Vishay Telefunken
SI1330EDL TFUNK-SI1330EDL Datasheet
224Kb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
Si1330EDL VISHAY-Si1330EDL Datasheet
228Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. B, 29-Mar-10
SI1330EDL VISHAY-SI1330EDL Datasheet
227Kb / 9P
   N-Channel 60 V (D-S) MOSFET
08-Feb-17
More results

유사한 설명 - SI1330EDL

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com