전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7497 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 TDA7497
상세설명  10W10W10W/15W TRIPLE AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7497 데이터시트(HTML) 5 Page - STMicroelectronics

  TDA7497 Datasheet HTML 1Page - STMicroelectronics TDA7497 Datasheet HTML 2Page - STMicroelectronics TDA7497 Datasheet HTML 3Page - STMicroelectronics TDA7497 Datasheet HTML 4Page - STMicroelectronics TDA7497 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
t
OFF
STDBY
MUTE
MUTE
MUTE
MUTE
PLAY
STDBY
PLAY
OFF
STDBY
20
+VS
(V)
-20
-V
S
V
IN
(mV)
Vpin4
(V)
V
S
VS-2.5
V
S-6
VS-10
Iq
(mA)
0
VOUT
(V)
D94AU084
Figure 4: Attenuation & Total Quiescent Current vs. Vpin4 Voltage
MUTE STAND-BY FUNCTION
The pin 4 (MUTE/STAND-BY) controls the ampli-
fier status by two different thresholds, referred to
+VS.
- When Vpin4 higher than = +VS - 2.5V the
amplifier is in Stand-by mode and the final
stage generators are off
- when Vpin4 is between +VS - 2.5V and +VS
- 6V the final stage current generators are
switched on and the amplifier is in mute
mode
- when Vpin4 is lower than +VS - 6V the am-
plifier is play mode.
TDA7497
5/7


유사한 부품 번호 - TDA7497

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
107Kb / 7P
   10 10W STEREO AMPLIFIER WITH MUTE/ST-BY
TDA7497S STMICROELECTRONICS-TDA7497S Datasheet
179Kb / 7P
   8W8W15W TRIPLE AMPLIFIER
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
   8W8W15W TRIPLE AMPLIFIER
More results

유사한 설명 - TDA7497

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
497Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
TDA7494S STMICROELECTRONICS-TDA7494S Datasheet
181Kb / 12P
   10W AMPLIFIER
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
NTE Electronics
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
   Integrated Circuit Dual 10W 10W Stereo Amplifier
logo
Sanyo Semicon Device
STK400-010 SANYO-STK400-010 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
   10W AUDIO AMPLIFIER
logo
Unisonic Technologies
PA2009 UTC-PA2009_15 Datasheet
201Kb / 4P
   10W STEREO AMPLIFIER
logo
STMicroelectronics
TDA7269SA STMICROELECTRONICS-TDA7269SA Datasheet
200Kb / 11P
   10W10W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
Unisonic Technologies
TDA22003 UTC-TDA22003_15 Datasheet
239Kb / 6P
   10W STEREO AMPLIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com