전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1413EDH 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI1413EDH
상세설명  P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1413EDH 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI1413EDH_08 Datasheet HTML 1Page - Vishay Siliconix SI1413EDH_08 Datasheet HTML 2Page - Vishay Siliconix SI1413EDH_08 Datasheet HTML 3Page - Vishay Siliconix SI1413EDH_08 Datasheet HTML 4Page - Vishay Siliconix SI1413EDH_08 Datasheet HTML 5Page - Vishay Siliconix SI1413EDH_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si1413EDH
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71396
S-03186—Rev. A, 05-Mar-01
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –100 mA
–0.45
V
VDS = 0 V, VGS = "4.5 V
"1.5
mA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"10
mA
VDS = –16 V, VGS = 0 V
–1
m
Zero Gate Voltage Drain Current
IDSS
VDS = –16 V, VGS = 0 V, TJ = 85_C
–5
mA
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –4.5 V
–4
A
VGS = –4.5 V, ID = –2.9 A
0.095
0.115
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –2.4 A
0.125
0.155
W
DS(on)
VGS = –1.8 V, ID = –1.0 A
0.180
0.220
Forward Transconductancea
gfs
VDS = –10 V, ID = –2.9 A
6
S
Diode Forward Voltagea
VSD
IS = –1.4 A, VGS = 0 V
–0.80
–1.1
V
Dynamicb
Total Gate Charge
Qg
5.6
8
Gate-Source Charge
Qgs
VDS = –10 V, VGS = –4.5 V, ID = –2.9 A
1.2
nC
Gate-Drain Charge
Qgd
1.2
Turn-On Delay Time
td(on)
0.75
1.1
Rise Time
tr
VDD = –10 V, RL = 10 W
1.6
2.3
m
Turn-Off Delay Time
td(off)
VDD = –10 V, RL = 10 W
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
3.9
5.5
ms
Fall Time
tf
3.9
5.5
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.01
100
10,000
Gate Current vs. Gate-Source Voltage
0
3
6
9
12
15
18
Gate-Current vs. Gate-Source Voltage
VGS – Gate-to-Source Voltage (V)
0.1
1
10
1,000
VGS – Gate-to-Source Voltage (V)
0
36
9
12
TJ = 25_C
TJ = 150_C
8
6
4
2
0


유사한 부품 번호 - SI1413EDH_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1413EDH VISHAY-SI1413EDH_05 Datasheet
108Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 27-Jul-05
More results

유사한 설명 - SI1413EDH_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com