전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1450DH-T1-E3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI1450DH-T1-E3
상세설명  N-Channel 8-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1450DH-T1-E3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI1450DH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 74275
S-62079-Rev. A, 23-Oct-06
www.vishay.com
3
Vishay Siliconix
Si1450DH
TYPICAL CHARACTERISTICS
25 °C, unless noted
Output Characteristics
rDS(on) vs. Drain Current
Gate Charge
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
2.5
VDS – Drain-to-Source Voltage (V)
V
= 5 thru 2 V
GS
V
= 1.5 V
GS
V
= 1 V
GS
0.00
0.02
0.04
0.06
0.08
0.10
0
3
6
9
12
15
VGS = 1.5 V
ID – Drain Current (A)
VGS = 4.5 V
VGS = 1.5 V
VGS = 2.5 V
0
1
2
3
4
5
Qg – Total Gate Charge (nC)
5
3
2
0
6
ID = 4.4 A
VDS = 4 V
VGS = 6.4 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
0.0
0.5
1.0
1.5
2.0
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS – Gate-to-Source Voltage (V)
Crss
0
200
400
600
800
0246
8
Coss
Ciss
VDS – Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ – Junction Temperature (°C)
VGS = 4.5 V
ID = 4.6 A
VGS = 2.5 V, ID = 4.4 A
VGS = 1.5 V
ID = 1.2 A
VGS = 1.8 V, ID = 4.25 A


유사한 부품 번호 - SI1450DH-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1450DH VISHAY-SI1450DH Datasheet
122Kb / 7P
   N-Channel 8-V (D-S) MOSFET
Rev. A, 23-Oct-06
More results

유사한 설명 - SI1450DH-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com