전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1499DH-T1-E3 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI1499DH-T1-E3
상세설명  P-Channel 1.2-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1499DH-T1-E3 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI1499DH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1499DH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1499DH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1499DH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1499DH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1499DH-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 73338
S-80579-Rev. E, 17-Mar-08
www.vishay.com
5
Vishay Siliconix
Si1499DH
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 175 °C, using
junction-to-case thermal resistance, and is more useful in settling the
upper dissipation limit for cases where additional heatsinking is
used. It is used to determine the current rating, when this rating falls
below the package limit.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?73338.
Current Derating*
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
TC - Case Temperature (°C)
Package Limited
Normalized Thermal Transient Impedance, Junction-to-Ambient
10
10
1
10
600
10-1
-2
-3
-4
10
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
Single Pulse
0.05
0.02


유사한 부품 번호 - SI1499DH-T1-E3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI1499DH-T1-GE3 VBSEMI-SI1499DH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

유사한 설명 - SI1499DH-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIB417EDK VISHAY-SIB417EDK Datasheet
218Kb / 9P
   P-Channel 1.2-V (G-S) MOSFET
Rev. B, 10-Aug-09
SI1499DH VISHAY-SI1499DH Datasheet
106Kb / 6P
   P-Channel 1.2-V (G-S) MOSFET
Rev. C, 09-Oct-06
SI8429DB-T1-E1 VISHAY-SI8429DB-T1-E1 Datasheet
215Kb / 11P
   P-Channel 1.2 V (G-S) MOSFET
Rev.D, 19-Aug-13
SI1499DH VISHAY-SI1499DH_15 Datasheet
245Kb / 12P
   P-Channel 1.2 V (G-S) MOSFET
Rev. F, 05-Apr-10
SIB417DK VISHAY-SIB417DK Datasheet
146Kb / 7P
   P-Channel 1.2-V (G-S) MOSFET
Rev. D, 26-May-08
SIB417AEDK VISHAY-SIB417AEDK Datasheet
238Kb / 9P
   P-Channel 1.2 V (G-S) MOSFET
Rev. A, 01-Oct-12
SI1499DH VISHAY-SI1499DH_V01 Datasheet
252Kb / 11P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
SI8429DB VISHAY-SI8429DB_V01 Datasheet
240Kb / 10P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
SIB417EDK VISHAY-SIB417EDK_V01 Datasheet
217Kb / 9P
   P-Channel 1.2-V (G-S) MOSFET
01-Jan-2022
SIB414DK VISHAY-SIB414DK Datasheet
154Kb / 7P
   N-Channel 1.2-V (G-S) MOSFET
Rev. C, 10-Mar-08
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com