전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1563EDH 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI1563EDH
상세설명  Complementary 20-V (D-S) Low-Threshold MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1563EDH 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI1563EDH Datasheet HTML 1Page - Vishay Siliconix SI1563EDH Datasheet HTML 2Page - Vishay Siliconix SI1563EDH Datasheet HTML 3Page - Vishay Siliconix SI1563EDH Datasheet HTML 4Page - Vishay Siliconix SI1563EDH Datasheet HTML 5Page - Vishay Siliconix SI1563EDH Datasheet HTML 6Page - Vishay Siliconix SI1563EDH Datasheet HTML 7Page - Vishay Siliconix SI1563EDH Datasheet HTML 8Page - Vishay Siliconix SI1563EDH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si1563EDH
New Product
Document Number: 71416
S-80257-Rev. C, 04-Feb-08
www.vishay.com
1
Complementary 20-V (D-S) Low-Threshold MOSFET
FEATURES
TrenchFET® Power MOSFETS: 1.8 V Rated
ESD Protected: 2000 V
Thermally Enhanced SC-70 Package
APPLICATIONS
Load Switching
PA Switch
Level Switch
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
N-Channel
20
0.280 at VGS = 4.5 V
1.28
0.360 at VGS = 2.5 V
1.13
0.450 at VGS = 1.8 V
1.0
P-Channel
- 20
0.490 at VGS = - 4.5 V
- 1.0
0.750 at VGS = - 2.5 V
- 0.81
1.10 at VGS = - 1.8 V
- 0.67
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
Marking Code
EA
XX
Lot Traceability
and Date Code
Part # Code
P-Channel
D1
S1
G1
1 k
N-Channel
3 k
D2
S2
G2
Ordering Information: Si1563EDH-T1
Si1563EDH-T1-E3 (Lead (Pb)-free)
Notes:
a. Surface Mounted on 1" x 1" FR4 Board.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
N-Channel
P-Channel
Parameter
Symbol
5 s
Steady State
5 s
Steady State
Unit
Drain-Source Voltage
VDS
20
- 20
V
Gate-Source Voltage
VGS
± 12
± 12
Continuous Drain Current (TJ = 150 °C)
TA = 25 °C
ID
1.28
1.13
- 1.0
- 0.88
A
TA = 85 °C
0.92
0.81
- 0.72
- 0.63
Pulsed Drain Current
IDM
4.0
- 3.0
Continuous Source Current (Diode Conduction)a
IS
0.61
0.48
- 0.61
- 0.48
Maximum Power Dissipationa
TA = 25 °C
PD
0.74
0.57
0.30
0.57
W
TA = 85 °C
0.38
0.30
0.16
0.3
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
130
170
°C/W
Steady State
170
220
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
80
100
Available
Pb-free
RoHS*
COMPLIANT


유사한 부품 번호 - SI1563EDH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
SI1563EDH VISHAY-SI1563EDH Datasheet
119Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1563EDH-T1-GE3 VBSEMI-SI1563EDH-T1-GE3 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1563EDH VISHAY-SI1563EDH_V01 Datasheet
119Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
More results

유사한 설명 - SI1563EDH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1563DH VISHAY-SI1563DH_08 Datasheet
95Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-21483-Rev. A, 26-Aug-02
SI1563DH VISHAY-SI1563DH_V01 Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
logo
Guangdong Kexin Industr...
KI1563DH KEXIN-KI1563DH Datasheet
58Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
KI1501DL KEXIN-KI1501DL Datasheet
54Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
logo
Vishay Siliconix
SI1501DL VISHAY-SI1501DL Datasheet
59Kb / 6P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
SI1563EDH VISHAY-SI1563EDH_V01 Datasheet
119Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH_10 Datasheet
281Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
SI1563DH-T1-E3 VISHAY-SI1563DH-T1-E3 Datasheet
283Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com