전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3442BDV 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI3442BDV
상세설명  N-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3442BDV 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI3442BDV Datasheet HTML 1Page - Vishay Siliconix SI3442BDV Datasheet HTML 2Page - Vishay Siliconix SI3442BDV Datasheet HTML 3Page - Vishay Siliconix SI3442BDV Datasheet HTML 4Page - Vishay Siliconix SI3442BDV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si3442BDV
Document Number: 72504
S-71947-Rev. D, 10-Sep-07
www.vishay.com
1
N-Channel 2.5-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)ID (A)
20
0.057 at VGS = 4.5 V
4.2
0.090 at VGS = 2.5 V
3.4
TSOP-6
Top V iew
6
4
1
2
3
5
2.85 mm
3 mm
Ordering Information: Si3442BDV-T1-E3 (Lead (Pb)-free)
Marking Code:
2Bxxx
(1, 2, 5, 6) D
(3) G
(4) S
N-Channel MOSFET
Notes:
a. Surface Mounted on FR4 Board, t
≤ 5 s.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
4.2
3.0
A
TA = 70 °C
3.4
2.4
Pulsed Drain Current
IDM
20
Continuous Source Current (Diode Conduction)a
IS
1.4
0.72
Maximum Power Dissipationa
TA = 25 °C
PD
1.67
0.86
W
TA = 70 °C
1.07
0.55
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
75
100
°C/W
Steady State
120
145
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
70
85
RoHS
COMPLIANT


유사한 부품 번호 - SI3442BDV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 15-Mar-04
SI3442BDV VISHAY-SI3442BDV Datasheet
183Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI3442BDV VISHAY-SI3442BDV Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
Si3442BDV VISHAY-Si3442BDV Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI3442BDV VISHAY-SI3442BDV Datasheet
208Kb / 9P
   N-Channel 2.5-V (G-S) MOSFETs
01-Jan-2022
More results

유사한 설명 - SI3442BDV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9428DY VISHAY-SI9428DY Datasheet
38Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 26-May-03
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5406DC VISHAY-SI5406DC Datasheet
98Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
logo
Guangdong Kexin Industr...
KI5404BDC KEXIN-KI5404BDC Datasheet
63Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV_17 Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 26-May-03
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. F, 04-May-09
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3446DV VISHAY-SI3446DV Datasheet
91Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com