전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

1460 데이터시트(Datasheet) 1 Page - Vishay Siliconix

부품명 1460
상세내용  Bulk Metal® Foil Technology 20 Pin Dual-In-Line Hermetic Resistor Network
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo 

   
 1 page
background image
www.vishay.com
129
1460
Vishay Foil Resistors
Document Number: 63034
Revision 08-Mar-05
For technical questions in the Americas, contact foilsupport1@vishay.com
For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com
• ISRAEL: foilsales.israel@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com • UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com • GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
SALES
Bulk Metal
® Foil Technology
20 Pin Dual-In-Line Hermetic Resistor Network
1
2
3
4
5
7
8
9
10
The 12 Bit R/2R Ladder features
the inherent stability of Vishay
metal foil resistor networks. It
provides ±1/2 LSB accuracy over
the MIL temperature range of
- 55°C to +125°C. This Vishay
network is Pin-for-Pin compatible
with the TRW Model 5420 Series
and Beckman Model 811 Series.
However, it features low TCR,
high speed, low noise, and the
inherently stable performance of
Vishay Bulk Metal
® Foil resistive
components, in addition to
improved environmental
characteristics, due to the
hermetic sealing.
12
13
11
2R
2R
2R 2R
2R 2R 2R
2R
2R
R
R
R
R
R RR R
R
R
2R
2R
2R 2R 2R
R
2R
16
14
15
310
4
1
25
6
7
8
9
20 19 18 17 16 15 14 13 12
R
2R
2R 2R
2R
2R
2R
2R 2R
2R
2R
2R
2R
2R
2R
2R
12 BIT R/2R LADDER
18
17
20
19
NOTE: Usable area is represented by the dotted lines— a rectangle 0.650 Inches x 0.850 Inches. Illustrations not to
scale. Chips shown undersize for clarity. Drawing view is from the top looking down into the package.
0.015 –0.022
(0.38 –0.56)
TYPICAL
0.100
(2.54) TYPICAL
0.890 ±0.20
(22.61 ±0.51)
0.008 –0.016
(0.20 –0.41)
1.00 ±0.020
(25.40 ±0.51)
0.050
(1.27)
TYPICAL
0.125
(3.18)
MINIMUM
PIN 1
0.230
(5.84)
0.900 ±0.010
(22.86 ±0.25)
VISHAY
CHIP
MAXIMUM POWER RATING
MODEL NUMBER
CAPACITY
(WATTS) @ +70
°C
V15X5 - 73 chips
1460
2.40 Watts
V5X5 - 221 chips
NOTE:
1. These networks utilize Vishay Bulk Metal
® Foil resistor
chips V5X5 and V15X5 or VTF15X5 Thin Film chips.
2. The V5X5 and V15X5 chips have maximum resistance
values of 10K and 33K respectively in Bulk Metal
® Foil
and 500K in VTF15X5 Thin Film chips.
3. The V5X5 and V15X5 chip(s) can be intermixed in a
package.
R
R
R
R
R
R
R
R
R
R
R
FIGURE 1 - STANDARD DIMENSIONS in inches (millimeters)
The 20 pin 1 inch x 1 inch side brazed ceramic package is a good
choice for a variety of applications. The footprint of this package
is frequently used in metal enclosures and open face circuitry as
well as the side brazed ceramic package offered by Vishay.
Select Model 1476 for lower profile and additional pins. This
network can contain up to 221 V5X5 resistor chips.
Review data sheet “7 Technical Reasons to Specify Bulk®
Metal Foil Resistor Networks.”
ORDERING INFORMATION - 1460 PARTS
Networks are built to your requirements. Send your schematic
and electrical requirements to the Applications Engineering
Department. (See data sheet “Network Worksheet.”) A unique
part number will be assigned which defines all aspects of your
network.
FIGURE 2 - SAMPLE CIRCUIT DESIGNS AND CHIP LAYOUTS
Product may not
be to scale
MAXIMUM




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
1457_08Bulk Metal® Foil Technology 18 Pin Dual-In-Line Hermetic Resistor Network 1 2 Vishay Siliconix
1417Bulk Metal® Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network 1 2 Vishay Siliconix
1419Bulk Metal® Foil Technology 10 Pin Transistor Outline Hermetic Resistor Network 1 2 Vishay Siliconix
1421Bulk Metal® Foil Technology 12 Pin Transistor Outline Hermetic Resistor Network 1 2 Vishay Siliconix
1422Bulk Metal® Foil Technology 16 Pin Transistor Outline Hermetic Resistor Network 1 2 Vishay Siliconix
1401_08Bulk Metal® Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network 1 2 Vishay Siliconix
1403_08Bulk Metal® Foil Technology 4 Pin Transistor Outline Hermetic Resistor Network 1 2 Vishay Siliconix
1413_08Bulk Metal® Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network 1 2 Vishay Siliconix
SMRC1DBulk Metal® Foil Technology Surface Mount Precision Resistor 1 2 3 Vishay Siliconix
VHP-3Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts 1 2 3 4 5 MoreVishay Siliconix

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl