전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3446ADV-T1-E3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI3446ADV-T1-E3
상세설명  N-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3446ADV-T1-E3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI3446ADV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 73772
S-60469–Rev. A, 27-Mar-06
www.vishay.com
3
Vishay Siliconix
Si3446ADV
New Product
TYPICAL CHARACTERISTICS
25 °C unless noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
4
8
12
16
20
0.0
0.4
0.8
1.2
1.6
2.0
VGS = 3 thru 5 V
VGS = 1.5 V
VDS – Drain-to-Source Voltage (V)
VGS = 2 V
VGS = 2.5 V
0.02
0.04
0.06
0.08
0.10
0
4
8
12
16
20
ID – Drain Current (A)
VGS = 4.5 V
VGS = 2.5 V
0
2
4
6
8
10
02468
10
12
14
Qg – Total Gate Charge (nC)
VDS = 10 V
VDS = 16 V
ID = 5.8 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
TC = 25 °C
VGS – Gate-to-Source Voltage (V)
TC = 125 °C
TC = - 55 °C
0
150
300
450
600
750
900
0
4
8
12
16
20
Crss
Coss
Ciss
VDS – Drain-to-Source Voltage (V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 2.5 V
TJ – Junction Temperature (°C)
VGS = 4.5 V
I D = 5.8 A


유사한 부품 번호 - SI3446ADV-T1-E3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI3446ADV-T1-GE3 VBSEMI-SI3446ADV-T1-GE3 Datasheet
476Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - SI3446ADV-T1-E3

제조업체부품명데이터시트상세설명
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com