전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3475DV 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI3475DV
상세설명  P-Channel 200-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3475DV 데이터시트(HTML) 6 Page - Vishay Siliconix

  SI3475DV Datasheet HTML 1Page - Vishay Siliconix SI3475DV Datasheet HTML 2Page - Vishay Siliconix SI3475DV Datasheet HTML 3Page - Vishay Siliconix SI3475DV Datasheet HTML 4Page - Vishay Siliconix SI3475DV Datasheet HTML 5Page - Vishay Siliconix SI3475DV Datasheet HTML 6Page - Vishay Siliconix SI3475DV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 74249
S-62239–Rev. A, 06-Nov-06
Vishay Siliconix
Si3475DV
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see http://www.vishay.com/ppg?74249.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10- 3
10-2
110
10-1
10-4
100
1
0.1
0.01
Square Wave Pulse Duration (sec)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 75 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1000
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
-4
1
0.1
0.01
Square Wave Pulse Duration (sec)
10
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5


유사한 부품 번호 - SI3475DV

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SI3475DV KEXIN-SI3475DV Datasheet
2Mb / 5P
   P-Channel MOSFET
SI3475DV-HF KEXIN-SI3475DV-HF Datasheet
2Mb / 5P
   P-Channel MOSFET
More results

유사한 설명 - SI3475DV

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AM10P20-690D AIC-AM10P20-690D Datasheet
321Kb / 5P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI1419DH VISHAY-SI1419DH Datasheet
225Kb / 3P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 14-Mar-05
SI2327DS VISHAY-SI2327DS Datasheet
89Kb / 6P
   P-Channel 200-V (D-S) MOSFET
S-42448-Rev. A, 10-Jan-05
logo
Analog Power
AM3413P ANALOGPOWER-AM3413P Datasheet
341Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM7001P ANALOGPOWER-AM7001P Datasheet
512Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM40P20-150PCFM ANALOGPOWER-AM40P20-150PCFM Datasheet
58Kb / 2P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI7119DN VISHAY-SI7119DN Datasheet
196Kb / 4P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 13-Nov-06
SI1419DH VISHAY-SI1419DH_08 Datasheet
97Kb / 6P
   P-Channel 200-V (D-S) MOSFET
Rev. B, 28-Feb-05
logo
Analog Power
AM90P20-170B ANALOGPOWER-AM90P20-170B Datasheet
361Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM30P20-500P ANALOGPOWER-AM30P20-500P Datasheet
404Kb / 5P
   P-Channel 200-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com