전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3851DV 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI3851DV
상세설명  P-Channel 30-V (D-S) MOSFET With Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3851DV 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI3851DV_08 Datasheet HTML 1Page - Vishay Siliconix SI3851DV_08 Datasheet HTML 2Page - Vishay Siliconix SI3851DV_08 Datasheet HTML 3Page - Vishay Siliconix SI3851DV_08 Datasheet HTML 4Page - Vishay Siliconix SI3851DV_08 Datasheet HTML 5Page - Vishay Siliconix SI3851DV_08 Datasheet HTML 6Page - Vishay Siliconix SI3851DV_08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Si3851DV
Vishay Siliconix
New Product
Document Number: 70978
S-61845—Rev. A, 11-Oct-99
www.vishay.com
S FaxBack 408-970-5600
2-1
P-Channel 30-V (D-S) MOSFET With Schottky Diode
MOSFET PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
–30
0.200 @ VGS = –10 V
"1.8
–30
0.360 @ VGS = –4.5 V
"1.2
SCHOTTKY PRODUCT SUMMARY
VKA (V)
Vf (v)
Diode Forward Voltage
IF (A)
30
0.5 V @ 0.5 A
0.5
K
A
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D
G
N/C
S
K
A
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage (MOSFET and Schottky)
VDS
–30
V
Reverse Voltage (Schottky)
VKA
30
V
Gate-Source Voltage (MOSFET)
VGS
"20
"20
Continuous Drain Current (TJ = 150_C) (MOSFET)a
TA = 25_C
ID
"1.8
"1.6
A
Continuous Drain Current (TJ = 150 C) (MOSFET)a
TA = 70_C
ID
"1.5
"1.2
A
Pulsed Drain Current (MOSFET)
IDM
"7
A
Continuous Source Current (MOSFET Diode Conduction)a
IS
–1.05
–0.75
A
Average Foward Current (Schottky)
IF
0.5
Pulsed Foward Current (Schottky)
IFM
7
Maximum Power Dissipation (MOSFET)a
TA = 25_C
P
1.15
0.83
W
Maximum Power Dissipation (MOSFET)a
TA = 70_C
PD
0.73
0.53
W
Maximum Power Dissipation (Schottky)a
TA = 25_C
PD
1.0
0.76
W
Maximum Power Dissipation (Schottky)a
TA = 70_C
0.64
0.48
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


유사한 부품 번호 - SI3851DV_08

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI3851DV-T1-GE3 VBSEMI-SI3851DV-T1-GE3 Datasheet
567Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

유사한 설명 - SI3851DV_08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4833BDY VISHAY-SI4833BDY Datasheet
206Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. B, 15-Aug-11
SI3851DV VISHAY-SI3851DV Datasheet
72Kb / 6P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
Rev. A, 11-Oct-99
71061 VISHAY-71061 Datasheet
70Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 10-Oct-99
SI4837DY VISHAY-SI4837DY Datasheet
57Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Jul-01
SI4833DY VISHAY-SI4833DY Datasheet
63Kb / 5P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
DinTek Semiconductor Co...
DTM4483S DINTEK-DTM4483S Datasheet
2Mb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIA817EDJ VISHAY-SIA817EDJ Datasheet
329Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 28-Jan-13
SI4831BDY VISHAY-SI4831BDY Datasheet
114Kb / 9P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 09-Mar-09
SI4833ADY VISHAY-SI4833ADY Datasheet
178Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. D, 08-Nov-10
SI4833DY VISHAY-SI4833DY_07 Datasheet
120Kb / 7P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
Analog Power
AM3837P ANALOGPOWER-AM3837P Datasheet
219Kb / 5P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com