전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3851DV 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI3851DV
상세설명  P-Channel 30-V (D-S) MOSFET With Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3851DV 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI3851DV Datasheet HTML 1Page - Vishay Siliconix SI3851DV Datasheet HTML 2Page - Vishay Siliconix SI3851DV Datasheet HTML 3Page - Vishay Siliconix SI3851DV Datasheet HTML 4Page - Vishay Siliconix SI3851DV Datasheet HTML 5Page - Vishay Siliconix SI3851DV Datasheet HTML 6Page - Vishay Siliconix SI3851DV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Si3851DV
Vishay Siliconix
New Product
Document Number: 70978
S-61845—Rev. A, 11-Oct-99
www.vishay.com
S FaxBack 408-970-5600
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
MOSFET
0
2
4
6
8
10
012345
0
0.1
0.2
0.3
0.4
0.5
0.6
01234567
0
60
120
180
240
300
0
6
12
18
24
30
0
2
4
6
8
0123456
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
VDS – Drain-to-Source Voltage (V)
ID – Drain Current (A)
Capacitance
VGS = 10 thru 7 V
2 V
TC = –55_C
125
_C
VGS = 10 V
VGS = 4.5 V
Crss
Coss
Ciss
3 V
4 V
5 V
6 V
25
_C
0
2
4
6
8
10
012345
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–50
–25
0
25
50
75
100
125
150
Gate Charge
Qg – Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
VGS = 10 V
ID = 1.8 A
TJ – Junction Temperature (_C)
VDS = 15 V
ID = 1.8 A


유사한 부품 번호 - SI3851DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3851DV VISHAY-SI3851DV Datasheet
72Kb / 6P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
Rev. A, 11-Oct-99
logo
VBsemi Electronics Co.,...
SI3851DV-T1-GE3 VBSEMI-SI3851DV-T1-GE3 Datasheet
567Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

유사한 설명 - SI3851DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4833BDY VISHAY-SI4833BDY Datasheet
206Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. B, 15-Aug-11
SI3851DV VISHAY-SI3851DV Datasheet
72Kb / 6P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
Rev. A, 11-Oct-99
71061 VISHAY-71061 Datasheet
70Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 10-Oct-99
SI4837DY VISHAY-SI4837DY Datasheet
57Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Jul-01
SI4833DY VISHAY-SI4833DY Datasheet
63Kb / 5P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
DinTek Semiconductor Co...
DTM4483S DINTEK-DTM4483S Datasheet
2Mb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIA817EDJ VISHAY-SIA817EDJ Datasheet
329Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 28-Jan-13
SI4831BDY VISHAY-SI4831BDY Datasheet
114Kb / 9P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 09-Mar-09
SI4833ADY VISHAY-SI4833ADY Datasheet
178Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. D, 08-Nov-10
SI4833DY VISHAY-SI4833DY_07 Datasheet
120Kb / 7P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
Analog Power
AM3837P ANALOGPOWER-AM3837P Datasheet
219Kb / 5P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com