전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5913DC 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI5913DC
상세설명  P-Channel 20-V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5913DC 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI5913DC Datasheet HTML 1Page - Vishay Siliconix SI5913DC Datasheet HTML 2Page - Vishay Siliconix SI5913DC Datasheet HTML 3Page - Vishay Siliconix SI5913DC Datasheet HTML 4Page - Vishay Siliconix SI5913DC Datasheet HTML 5Page - Vishay Siliconix SI5913DC Datasheet HTML 6Page - Vishay Siliconix SI5913DC Datasheet HTML 7Page - Vishay Siliconix SI5913DC Datasheet HTML 8Page - Vishay Siliconix SI5913DC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 68920
S-82298-Rev. A, 22-Sep-08
Vishay Siliconix
Si5913DC
New Product
MOSFET TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
3
6
9
12
15
0
1234
5
V
DS
- Drain-to-Source Voltage (V)
VGS =10thru 4 V
VGS =2 V
VGS =3 V
0.00
0.04
0.08
0.12
0.16
0.20
0
3
6
9
12
15
ID - Drain Current (A)
VGS = 2.5 V
VGS = 10 V
VGS = 4.5 V
0
2
4
6
8
10
0.0
1.5
3.0
4.5
6.0
7.5
9.0
ID = 3.7 A
Qg - Total Gate Charge (nC)
VDS = 16 V
VDS =10 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.4
0.8
1.2
1.6
2.0
VGS - Gate-to-Source Voltage (V)
TC = 125 °C
TC = 25 °C
TC = - 55 °C
Crss
0
100
200
300
400
500
600
04
8
12
16
20
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
TJ -- Junction Temperature (°C)
VGS = 4.5 V, ID = 3.2 A
VGS = 10 V, ID = 3.7 A


유사한 부품 번호 - SI5913DC

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI591 SILABS-SI591 Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
logo
Skyworks Solutions Inc.
SI591 SKYWORKS-SI591 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
Vishay Siliconix
SI5915BDC VISHAY-SI5915BDC Datasheet
115Kb / 7P
   Dual P-Channel 8-V (D-S) MOSFET
Rev. A, 02-Jul-07
SI5915BDC-T1-E3 VISHAY-SI5915BDC-T1-E3 Datasheet
115Kb / 7P
   Dual P-Channel 8-V (D-S) MOSFET
Rev. A, 02-Jul-07
SI5915DC VISHAY-SI5915DC Datasheet
98Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 05-Aug-02
More results

유사한 설명 - SI5913DC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3853DV VISHAY-SI3853DV Datasheet
71Kb / 6P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 04-Oct-99
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jun-05
SI3805DV VISHAY-SI3805DV Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 22-Sep-08
SI4829DY VISHAY-SI4829DY Datasheet
110Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
SI5855CDC VISHAY-SI5855CDC Datasheet
132Kb / 9P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 22-Sep-08
logo
Analog Power
AM3829P ANALOGPOWER-AM3829P Datasheet
287Kb / 5P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SIA811ADJ VISHAY-SIA811ADJ_V01 Datasheet
375Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBBD4290A VBSEMI-VBBD4290A_V01 Datasheet
928Kb / 11P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI5857DU VISHAY-SI5857DU Datasheet
136Kb / 10P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. C, 23-Jun-08
SI4823DY VISHAY-SI4823DY Datasheet
287Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. C, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com