전자부품 데이터시트 검색엔진 |
|
BZW04P273B 데이터시트(PDF) 4 Page - Vishay Siliconix |
|
BZW04P273B 데이터시트(HTML) 4 Page - Vishay Siliconix |
4 / 6 page BZW04P-5V8 thru BZW04-376 Vishay General Semiconductor www.vishay.com For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com Document Number: 88316 Revision: 22-Oct-08 4 RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Figure 1. Peak Pulse Power Rating Curve Figure 2. Pulse Power or Current vs. Initial Junction Temperature Figure 3. Pulse Waveform 100 10 1 0.1 Non-Repetitive Pulse Waveform shown in Fig. 3 T A = 25 °C 0.1 1 10 100 1000 10 000 td - Pulse Width (µs) 100 75 50 25 0 0 25 50 75 100 125 150 175 200 TJ - Initial Temperature (°C) 0 1.0 2.0 3.0 4.0 0 50 100 150 t d t - Time (ms) t r = 10 µs Peak Value I PPM Half Value - I PPM I PP 2 10/1000 µs Waveform as defined by R.E.A. T J = 25 °C Pulse Width (t d) is defined as the Point where the Peak Current Decays to 50 % of I PPM Figure 4. Typical Junction Capacitance Figure 5. Power Derating Curve Figure 6. Max. Non-Repetitive Forward Surge Current Uni-Directional Only 10 100 1000 10 000 1 10 100 1000 Measured at Zero Bias Measured at Stand-Off Voltage V WM T J = 25 °C f = 1.0 MHz V sig = 50 mVp-p VBR - Breakdown Voltage (V) TL - Lead Temperature (°C) 60 Hz Resistive or Inductive Load 100 75 50 25 0 0 25 50 75 100 125 150 175 200 L = 0.375" (9.5 mm) Lead Lengths 1 10 100 10 100 Number of Cycles at 60 Hz T J = TJ Max. 8.3 ms Single Half Sine-Wave |
유사한 부품 번호 - BZW04P273B |
|
유사한 설명 - BZW04P273B |