전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAW75-TR 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 BAW75-TR
상세설명  Small Signal Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAW75-TR 데이터시트(HTML) 2 Page - Vishay Siliconix

  BAW75-TR Datasheet HTML 1Page - Vishay Siliconix BAW75-TR Datasheet HTML 2Page - Vishay Siliconix BAW75-TR Datasheet HTML 3Page - Vishay Siliconix BAW75-TR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85550
Rev. 1.6, 19-Feb-07
BAW75
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in millimeters (inches): DO35
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 30 mA
VF
1000
mV
Reverse current
VR = 25 V
IR
100
nA
VR = 25 V, Tj = 150 °C
IR
100
μA
Breakdown voltage
IR = 5 µA, tp/T = 0.01, tp = 0.3 ms
V(BR)
35
V
Diode capacitance
VR = 0, f = 1 MHz, VHF = 50 mV
CD
4pF
Reverse recovery time
IF = IR = 10 mA, IR = 1 mA
trr
4ns
IF = 10 mA, VR = 6 V,
IR = 1 mA, RL = 100 Ω
trr
2ns
94 9366
26 min. (1.024)
3.9 max. (0.154)
26 min. (1.024)
Cathode Identification
Rev. 6 - Date: 29.January 2007
Document no.: 6.560-5004.02-4


유사한 부품 번호 - BAW75-TR

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAW75 VISHAY-BAW75 Datasheet
34Kb / 3P
   Silicon Epitaxial Planar Diode
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
BAW75 FAIRCHILD-BAW75 Datasheet
33Kb / 1P
   High Speed Computer Diodes
logo
General Semiconductor
BAW75 GE-BAW75 Datasheet
173Kb / 4P
   Small-Signal Diodes
logo
DAESAN ELECTRONIC CORP.
BAW75 DAESAN-BAW75 Datasheet
248Kb / 2P
   SMALL SIGNAL SWITCHING DIODES
logo
GOOD-ARK Electronics
BAW75 GOOD-ARK-BAW75 Datasheet
167Kb / 4P
   Small-Signal Diode
More results

유사한 설명 - BAW75-TR

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com