전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPG06-30 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 TMPG06-30
상세설명  Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMPG06-30 데이터시트(HTML) 1 Page - Vishay Siliconix

  TMPG06-30 Datasheet HTML 1Page - Vishay Siliconix TMPG06-30 Datasheet HTML 2Page - Vishay Siliconix TMPG06-30 Datasheet HTML 3Page - Vishay Siliconix TMPG06-30 Datasheet HTML 4Page - Vishay Siliconix TMPG06-30 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TMPG06-6.8 thru TMPG06-43A
Vishay General Semiconductor
Document Number: 88404
Revision: 21-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Automotive Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES
• Patented PAR® construction
• Available in uni-directional polarity only
• 400 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive and
telecommunication.
MECHANICAL DATA
Case: MPG06, molded epoxy over passivated junction
Molding compound meets UL 94 V-0 flammability
rating
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
VBR
6.8 V to 43 V
PPPM
400 W
PD
1.0 W
IFSM
40 A
TJ max.
185 °C
Patented*
* Patent #'s
4,980,315
5,166,769
5,278,094
Case Style MPG06
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Peak power dissipation with a 10/1000 µs waveform (1) (Fig. 1)
PPPM
400
W
Peak pulse current with a 10/1000 µs waveform (1)(2) (Fig. 3)
IPPM
See next table
A
Power dissipation on infinite heatsink at TL = 75 °C (Fig. 5)
PD
1.0
W
Peak forward surge current 8.3 ms single half sine-wave (2)
IFSM
40
A
Maximum instantaneous forward voltage at 25 A (2)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


유사한 부품 번호 - TMPG06-30

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TMPG06-30 VISHAY-TMPG06-30 Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-30 VISHAY-TMPG06-30 Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
logo
Shenzhen Taychipst Elec...
TMPG06-30 TAYCHIPST-TMPG06-30 Datasheet
13Mb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TMPG06-30A VISHAY-TMPG06-30A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-30A VISHAY-TMPG06-30A Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
More results

유사한 설명 - TMPG06-30

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TMPG06-43A VISHAY-TMPG06-43A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TPSMA43A VISHAY-TPSMA43A Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMB43A VISHAY-TPSMB43A_08 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TMPG06-6.8 VISHAY-TMPG06-6.8_11 Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
TPSMA43A VISHAY-TPSMA43A_08 Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMC47A VISHAY-TPSMC47A Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
3KASMC10 VISHAY-3KASMC10 Datasheet
93Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
29-Jun-06
SM6A27-E32D VISHAY-SM6A27-E32D Datasheet
85Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM8S30AHE32D VISHAY-SM8S30AHE32D Datasheet
98Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM6S28AHE3 VISHAY-SM6S28AHE3 Datasheet
87Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com