전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSD2004WS-V 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 GSD2004WS-V
상세설명  Small Signal Switching Diode, High Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSD2004WS-V 데이터시트(HTML) 2 Page - Vishay Siliconix

  GSD2004WS-V Datasheet HTML 1Page - Vishay Siliconix GSD2004WS-V Datasheet HTML 2Page - Vishay Siliconix GSD2004WS-V Datasheet HTML 3Page - Vishay Siliconix GSD2004WS-V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85730
Rev. 1.5, 17-May-06
GSD2004WS-V
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Device on Fiberglass Substrate, see layout on second page
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
1) Device on Fiberglass Substrate, see layout
Package Dimensions in mm (Inches): SOD323
Parameter
Test condition
Symbol
Value
Unit
Typical thermal resistance
junction to ambient air
RthJA
6501)
°C/W
Junction temperature
Tj
150
°C
Storage temperature range
TS
- 65 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
IR = 100 µA
VBR
300
V
Leakage current
VR = 240 V
IR
100
nA
VR = 240 V, Tj = 150 °C
IR
100
µA
Forward voltage
IF = 20 mA
VF
0.83
0.87
V
IF = 100 mA
VF
1.00
V
Diode capacitance
VF = VR = 0, f = 1 MHz
Ctot
5.0
pF
Reverse recovery time
IF = IR = 30 mA, Irr = 3.0 mA,
RL = 100 Ω
trr
50
ns
0.25 (0.010) min
1.95 (0.077)
1.60 (0.063)
2.85 (0.112)
2.50 (0.098)
cathode bar
0.6 (0.024)
0.6 (0.024)
1.6 (0.063)
foot print recommendation:
Document no.: S8-V-3910.02-001 (4)
Rev. 03 - Date: 08.November 2004
17443


유사한 부품 번호 - GSD2004WS-V

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
GSD2004WS-V SUNMATE-GSD2004WS-V Datasheet
77Kb / 1P
   225mA Surface Mount Small Signal Fast Switching Diode
More results

유사한 설명 - GSD2004WS-V

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
GSD2004W-V VISHAY-GSD2004W-V_12 Datasheet
57Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.6, 12-Aug-10
BAY135 VISHAY-BAY135_08 Datasheet
113Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.7, 19-Feb-07
BAY80 VISHAY-BAY80_08 Datasheet
121Kb / 5P
   Small Signal Switching Diode, High Voltage
Rev. 1.8, 19-Feb-07
GSD2004W-G VISHAY-GSD2004W-G Datasheet
81Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.0, 13-May-13
BAY80 VISHAY-BAY80_12 Datasheet
79Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.9, 16-Jul-12
GSD2004WS VISHAY-GSD2004WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 2.1, 14-Jul-17
GSD2004WS-G VISHAY-GSD2004WS-G_V01 Datasheet
90Kb / 4P
   Small Signal Switching Diode, High Voltage
01-Jan-2022
S07B-M VISHAY-S07B-M Datasheet
80Kb / 6P
   Small Signal Switching Diode, High Voltage
Rev. 1.1, 20-Aug-10
GSD2004W-V VISHAY-GSD2004W-V Datasheet
82Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.5, 03-Jan-06
GSD2004WS VISHAY-GSD2004WS Datasheet
34Kb / 2P
   High-Voltage Small-Signal Switching Diode
14-May-02
GSD2004W VISHAY-GSD2004W Datasheet
95Kb / 3P
   Small Signal Switching Diode, High Voltage
Rev. 1.1, 22-Feb-18
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com