전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD303C10S20C 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SD303C10S20C
상세설명  Fast Recovery Diodes (Hockey PUK Version), 350 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD303C10S20C 데이터시트(HTML) 1 Page - Vishay Siliconix

  SD303C10S20C Datasheet HTML 1Page - Vishay Siliconix SD303C10S20C Datasheet HTML 2Page - Vishay Siliconix SD303C10S20C Datasheet HTML 3Page - Vishay Siliconix SD303C10S20C Datasheet HTML 4Page - Vishay Siliconix SD303C10S20C Datasheet HTML 5Page - Vishay Siliconix SD303C10S20C Datasheet HTML 6Page - Vishay Siliconix SD303C10S20C Datasheet HTML 7Page - Vishay Siliconix SD303C10S20C Datasheet HTML 8Page - Vishay Siliconix SD303C10S20C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 93174
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 04-Aug-08
1
Fast Recovery Diodes
(Hockey PUK Version), 350 A
SD303C..C Series
Vishay High Power Products
FEATURES
• High power FAST recovery diode series
• 1.0 to 2.0 µs recovery time
• High voltage ratings up to 2500 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Press PUK encapsulation
• Case style conform to JEDEC DO-200AA
• Maximum junction temperature 125 °C
• Lead (Pb)-free
TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications
PRODUCT SUMMARY
IF(AV)
350 A
DO-200AA
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
350
A
Ths
55
°C
IF(RMS)
550
A
Ths
25
°C
IFSM
50 Hz
5770
A
60 Hz
6040
I2t
50 Hz
166
kA2s
60 Hz
152
VRRM
Range
400 to 2500
V
trr
1.0 to 2.0
µs
TJ
25
°C
TJ
- 40 to 125


유사한 부품 번호 - SD303C10S20C

제조업체부품명데이터시트상세설명
logo
International Rectifier
SD303C10S10 IRF-SD303C10S10 Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C10S10C IRF-SD303C10S10C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD303C10S10C VISHAY-SD303C10S10C Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
More results

유사한 설명 - SD303C10S20C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-SD303CC VISHAY-VS-SD303CC_V01 Datasheet
290Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
01-Jan-2022
SD303C04S10C VISHAY-SD303C04S10C_12 Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
VS-SD303CC VISHAY-VS-SD303CC Datasheet
306Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 15-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com