전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6A27 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SM6A27
상세설명  Surface Mount Automotive Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM6A27 데이터시트(HTML) 1 Page - Vishay Siliconix

  SM6A27 Datasheet HTML 1Page - Vishay Siliconix SM6A27 Datasheet HTML 2Page - Vishay Siliconix SM6A27 Datasheet HTML 3Page - Vishay Siliconix SM6A27 Datasheet HTML 4Page - Vishay Siliconix SM6A27 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM6A27
Vishay General Semiconductor
Document Number: 88383
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount Automotive Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES
• Patented PAR® construction
• Low leakage current
• Low forward voltage drop
• High surge capability
• Meets ISO7637-2 surge spec
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Used in sensitive electronics protection against
voltage transients induced by inductive load switching
and lighting, especially for automotive load dump
protection application.
MECHANICAL DATA
Case: DO-218AB
Molding compound meets UL 94 V-0 flammability
rating
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: Heatsink is anode
PRIMARY CHARACTERISTICS
VBR
27 V
PPPM (10 x 1000 µs)
4600 W
PD
6.0 W
IRSM
90 A
IFSM
600 A
TJ max.
175 °C
DO-218AB
*Patent #'s:
4,980,315
5,166,769
5,278,095
Patented*
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with 10/1000 µs waveform
PPPM
4600
W
Power dissipation on infinite heatsink at TC = 25 °C (Fig. 1)
PD
6
Non-repetitive peak reverse surge current for 10 µs/10 ms
exponentially decaying waveform
IRSM
90
A
Maximum working stand-off voltage
VWM
22
V
Peak forward surge current 8.3 ms single half sine-wave
IFSM
600
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


유사한 부품 번호 - SM6A27

제조업체부품명데이터시트상세설명
logo
General Semiconductor
SM6A27 GE-SM6A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6A27 VISHAY-SM6A27 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM6A27 VISHAY-SM6A27 Datasheet
85Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27 Datasheet
101Kb / 5P
   Surface Mount PAR짰 Transient Voltage Suppressors
01-Jan-2022
SM6A27-E32D VISHAY-SM6A27-E32D Datasheet
85Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
More results

유사한 설명 - SM6A27

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shunye Enterprise
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Changzhou Shunye Electr...
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shunye Enterprise
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com