전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6A27 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SM6A27
상세설명  Surface Mount Automotive Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM6A27 데이터시트(HTML) 2 Page - Vishay Siliconix

  SM6A27 Datasheet HTML 1Page - Vishay Siliconix SM6A27 Datasheet HTML 2Page - Vishay Siliconix SM6A27 Datasheet HTML 3Page - Vishay Siliconix SM6A27 Datasheet HTML 4Page - Vishay Siliconix SM6A27 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM6A27
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88383
Revision: 20-Oct-08
2
Note:
(1) Measured on a 300 µs square pulse width
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Reverse zener voltage
at 10 mA
VZ
24
30
V
Zener voltage temperature coefficient
at IZ = 10 mA
VZTC
36
mV/°C
Clamping voltage for 10 µs/10 ms
exponentially decaying waveform
at IPP = 65 A
VC
40
V
Instantaneous forward voltage (1)
at 6.0 A
at 100 A
VF
0.94
0.99
V
Reverse leakage current
at rated VWM
TJ = 25 °C
TJ = 175 °C
IR
0.5
20
µA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to case
RθJC
0.95
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE
BASE QUANTITY
DELIVERY MODE
SM6A27HE3/2D
2.550
2D
750
13" diameter paper tape and reel,
anode towards the sprocket hole
Figure 1. Power Derating Curve
0
2.0
4.0
6.0
8.0
0
50
100
150
200
Case Temperature (°C)
Figure 2. Load Dump Power Characteristics
(10 ms Exponential Waveform)
0
2000
1000
3000
4000
5000
6000
25
50
75
100
125
150
175
Case Temperature (
°C)


유사한 부품 번호 - SM6A27

제조업체부품명데이터시트상세설명
logo
General Semiconductor
SM6A27 GE-SM6A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6A27 VISHAY-SM6A27 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM6A27 VISHAY-SM6A27 Datasheet
85Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27 Datasheet
101Kb / 5P
   Surface Mount PAR짰 Transient Voltage Suppressors
01-Jan-2022
SM6A27-E32D VISHAY-SM6A27-E32D Datasheet
85Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
More results

유사한 설명 - SM6A27

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com