전자부품 데이터시트 검색엔진 |
|
SMA5J24A 데이터시트(PDF) 4 Page - Vishay Siliconix |
|
SMA5J24A 데이터시트(HTML) 4 Page - Vishay Siliconix |
4 / 6 page SMA5J5.0 thru SMA5J40CA Vishay General Semiconductor www.vishay.com For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com Document Number: 88875 Revision: 22-Oct-08 4 RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Figure 1. Peak Pulse Power Rating Curve Figure 2. Pulse Power or Current vs. Initial Junction Temperature Figure 3. Pulse Waveform 0.1 1 10 100 Non-Repetitive Pulse Waveform shown in Fig. 3 T A = 25 °C td - Pulse Width (s) 0.1 µs 1.0 µs 10 µs 100 µs 1.0 ms 10 ms 0 255075 100 100 75 50 25 0 125 150 175 200 TJ - Initial Temperature (°C) 0 50 100 150 t d 0 1.0 2.0 3.0 4.0 t - Time (ms) t r = 10 µs Peak Value I PPM Half Value - I PPM I PP 2 10/1000 µs Waveform as defined by R.E.A. T J = 25 °C Pulse Width (t d) is defined as the Point where the Peak Current decays to 50 % of I PPM Figure 4. Typical Junction Capacitance Figure 5. Typical Transient Thermal Impedance Figure 6. Maximum Non-Repetitive Forward Surge Current Uni-Directional Only Uni-Directional Bi-Directional 10 100 1000 10 000 10 1 100 200 Measured at Zero Bias Measured at Stand-Off Voltage V WM T J = 25 °C f = 1.0 MHz VWM - Reverse Stand-Off Voltage (V) 1 10 100 0.01 0.1 10 1 100 1000 tp - Pulse Duration (s) 50 10 5 1 100 10 50 100 200 T J = TJ max. 8.3 ms Single Half Sine-Wave Number of Cycles at 60 Hz |
유사한 부품 번호 - SMA5J24A |
|
유사한 설명 - SMA5J24A |